Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCPWR12FTEP1001 Datasheet(PDF) 8 Page - Multicomp Pro

Part # MCPWR12FTEP1001
Description  Chip Resistors Pulse Withstanding
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCPWR12FTEP1001 Datasheet(HTML) 8 Page - Multicomp Pro

  MCPWR12FTEP1001 Datasheet HTML 1Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 2Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 3Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 4Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 5Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 6Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 7Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page <8>
V1.0
19/11/19
Chip Resistors
Pulse Withstanding
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Continuous Pulse
The continuous load graph was obtained by applying repetitive rectangular pulses where the pulse period was adjusted so
that the average power dissipated in the resistor was equal to its rated power at 70°C. Again the limit of acceptance was a
shift in resistance of less than 1% from the initial value.
Part Number Explanation
Dimensions
: 02 = 0402, 03 = 0603, 05 = 0805, 06 = 1206, 13 = 1210, 10 = 2010 and 12 = 2512
Resistance Tolerance
: D = ±0.5%, F = ±1%, J: ±5%
Packaging Code
: T = Taping Reel
TCR (PPM/°C)
: E = ±100, F = ±200, G: ±300
Power Rating
: A: 1.5W, T: 1W, Q: 3/4W, U: 1/2W, G: 2/5W, O: 1/3W, V : 1/4W, W: 1/8W, X: 1/10W and P: 1/5W
Resistance
:1001 = 1kΩ, 1004 = 1MΩ
Marking
: Standard Marking, N = No Marking
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
MCPWR
MCPWR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com