Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCPWR12FTEP1001 Datasheet(PDF) 6 Page - Multicomp Pro

Part # MCPWR12FTEP1001
Description  Chip Resistors Pulse Withstanding
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCPWR12FTEP1001 Datasheet(HTML) 6 Page - Multicomp Pro

  MCPWR12FTEP1001 Datasheet HTML 1Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 2Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 3Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 4Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 5Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 6Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 7Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page <6>
V1.0
19/11/19
Chip Resistors
Pulse Withstanding
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Marking
0805 to 2512 4 Digits Marking For Example
Resistance
5.6Ω
97.6Ω
100Ω
2.2kΩ
10kΩ
49.9kΩ
100kΩ
1MΩ
Marking
5R60
97R6
1,000
2,201
1,002
4,992
1,003
1004
0603: 3 digits marking in E24
Example: 101 = 100Ω
102 = 1kΩ (1st and 2nd are E24 code and 3rd code is multiplier)
E24
Code
10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91
1% for 0603: 3 Digits Marking in E96 (E96 Series Except E24 Series)
3 Digits Marking for Example: 13C = 13K3Ω 68B = 4K99Ω
68X = 49.9Ω
Code
E96
Code
E96
Code
E96
Code
E96
02
102
28
191
52
340
75
590
03
105
29
196
53
348
76
604
04
107
31
205
54
357
77
619
06
113
32
210
55
365
78
634
07
115
33
215
56
374
79
649
08
118
34
221
57
383
80
665
09
121
35
226
58
392
81
681
10
124
36
232
59
402
82
698
11
127
37
237
60
412
83
715
13
133
38
243
61
422
84
732
14
137
39
249
62
432
86
768
15
140
40
255
63
442
87
787
16
143
41
261
64
453
88
806
17
147
42
267
65
464
89
825
19
154
43
274
66
475
90
845
20
158
44
280
67
487
91
866
21
162
45
287
68
499
92
887
22
165
46
294
69
511
93
909
23
169
47
301
70
523
94
931
24
174
48
309
71
536
95
953
25
178
49
316
72
549
96
976
26
182
50
324
73
562
-
-
27
187
51
332
74
576
-
-
Marking Table
No Marking for 0402



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com