Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1301 Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC1301
Description  AMC1301 Precision, ±250-mV Input, Reinforced Isolated Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1301 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC1301 Datasheet HTML 20Page - Texas Instruments AMC1301 Datasheet HTML 21Page - Texas Instruments AMC1301 Datasheet HTML 22Page - Texas Instruments AMC1301 Datasheet HTML 23Page - Texas Instruments AMC1301 Datasheet HTML 24Page - Texas Instruments AMC1301 Datasheet HTML 25Page - Texas Instruments AMC1301 Datasheet HTML 26Page - Texas Instruments AMC1301 Datasheet HTML 27Page - Texas Instruments AMC1301 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
8.2.2.3 Differential to Single-Ended Output Conversion
Figure 8-3 shows an example of a TLV900x-based signal conversion and filter circuit for systems using single-
ended input ADCs to convert the analog output voltage into digital. For R1 = R3 and R2 = R4, the output voltage
equals (R2 / R1) × (VOUTP – VOUTN) + VREF. Tailor the bandwidth of this filter stage to the bandwidth requirement
of the system and use NP0-type capacitors for best performance. For most applications, R1 = R2 = R3 = R4 =
3.3 kΩ and C1 = C2 = 330 pF yields good performance.
VDD1
GND1
INP
INN
AMC1301
VDD2
OUTP
OUTN
GND2
+
–
R4
R3
R1
R2
V
REF
ADC
To MCU
C1
C2
TLV9001
Figure 8-3. Connecting the AMC1301 Output to a Single-Ended Input ADC
For more information on the general procedure to design the filtering and driving stages of SAR ADCs, see
the 18-Bit, 1MSPS Data Acquisition Block (DAQ) Optimized for Lowest Distortion and Noise and 18-Bit Data
Acquisition Block (DAQ) Optimized for Lowest Power reference guides, available for download at www.ti.com.
8.2.3 Application Curve
One important aspect of power-stage design is the effective detection of an overcurrent condition to protect the
switching devices and passive components from damage. To power off the system quickly in the event of an
overcurrent condition, a low delay caused by the isolated amplifier is required. Figure 8-4 shows the typical
full-scale step response of the AMC1301.
VIN
VOUTP
VOUTN
Figure 8-4. Step Response of the AMC1301
AMC1301
SBAS667G – APRIL 2016 – REVISED APRIL 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC1301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com