Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1301 Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC1301
Description  AMC1301 Precision, ±250-mV Input, Reinforced Isolated Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1301 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC1301 Datasheet HTML 9Page - Texas Instruments AMC1301 Datasheet HTML 10Page - Texas Instruments AMC1301 Datasheet HTML 11Page - Texas Instruments AMC1301 Datasheet HTML 12Page - Texas Instruments AMC1301 Datasheet HTML 13Page - Texas Instruments AMC1301 Datasheet HTML 14Page - Texas Instruments AMC1301 Datasheet HTML 15Page - Texas Instruments AMC1301 Datasheet HTML 16Page - Texas Instruments AMC1301 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
6.13 Typical Characteristics (continued)
at VDD1 = 5 V, VDD2 = 3.3 V, INP = –250 mV to 250 mV, INN = 0 V, and fIN = 10 kHz (unless otherwise noted)
TCVOS (PV/qC)
0
10
20
30
40
50
60
70
D007
VDD1 = 3.3 V
Figure 6-11. Input Offset Drift Histogram
TCVOS (PV/qC)
0
10
20
30
40
50
60
70
D008
VDD1 = 5 V
Figure 6-12. Input Offset Drift Histogram
fIN (kHz)
0.001
0.01
0.1
0.5
2 3 5 10 20
100
1000
-120
-100
-80
-60
-40
-20
0
D009
Figure 6-13. Common-Mode Rejection Ratio vs Input Frequency
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
D011
–55°C ≤ TA < 40°C valid for the AMC1301S only
Figure 6-14. Common-Mode Rejection Ratio vs Temperature
VCM (V)
-0.5
0
0.5
1
1.5
2
2.5
3
-80
-60
-40
-20
0
20
40
60
D012
Figure 6-15. Input Bias Current vs Common-Mode Input Voltage
VDD1 (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
-41
-39
-37
-35
-33
-31
-29
-27
-25
-23
D013
Figure 6-16. Input Bias Current vs High-Side Supply Voltage
www.ti.com
AMC1301
SBAS667G – APRIL 2016 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC1301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com