Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7891SRHHT Datasheet(PDF) 22 Page - Texas Instruments

Part # AMC7891SRHHT
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7891SRHHT Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC7891SRHHT Datasheet HTML 18Page - Texas Instruments AMC7891SRHHT Datasheet HTML 19Page - Texas Instruments AMC7891SRHHT Datasheet HTML 20Page - Texas Instruments AMC7891SRHHT Datasheet HTML 21Page - Texas Instruments AMC7891SRHHT Datasheet HTML 22Page - Texas Instruments AMC7891SRHHT Datasheet HTML 23Page - Texas Instruments AMC7891SRHHT Datasheet HTML 24Page - Texas Instruments AMC7891SRHHT Datasheet HTML 25Page - Texas Instruments AMC7891SRHHT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
AMC7891
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
Register name: AMC_reset
– Address: 0x3E, Default: 0x0000 (READ/WRITE)
Register
Address
Bit
Name
Function
Default Value
Name
AMC_reset
0x3E
15:0
reset(15:0)
Writing 0x6600 to this register forces a reset operation. During reset,
All zeros
all SPI communication is blocked. After issuing the reset, there is a
wait of at least 30
μs before communication can be resumed.
Register name: AMC_ID
– Address: 0x40, Default: 0x0044 (READ ONLY)
Register
Address Bit
Name
Function
Default Value
Name
AMC_ID
0x40
15:0
device_id(15:0)
A hardwired register that contains the AMC7891 ID.
0x0044
22
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com