Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7891SRHHT Datasheet(PDF) 29 Page - Texas Instruments

Part # AMC7891SRHHT
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7891SRHHT Datasheet(HTML) 29 Page - Texas Instruments

Back Button AMC7891SRHHT Datasheet HTML 25Page - Texas Instruments AMC7891SRHHT Datasheet HTML 26Page - Texas Instruments AMC7891SRHHT Datasheet HTML 27Page - Texas Instruments AMC7891SRHHT Datasheet HTML 28Page - Texas Instruments AMC7891SRHHT Datasheet HTML 29Page - Texas Instruments AMC7891SRHHT Datasheet HTML 30Page - Texas Instruments AMC7891SRHHT Datasheet HTML 31Page - Texas Instruments AMC7891SRHHT Datasheet HTML 32Page - Texas Instruments AMC7891SRHHT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Internal Reference
(2.5 V)
Temperature
Sensor
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
DACOUT0
DACOUT1
DACOUT2
DACOUT3
External
Reference
ADC Reference
DAC and Temp Sensor
Reference
DAC3
10-b
DAC0
10-b
DAC1
10-b
DAC2
10-b
ADC
10-b
ref_on = 0
Internal Reference
Temperature
Sensor
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
DACOUT0
DACOUT1
DACOUT2
DACOUT3
DAC and Temp Sensor
Reference
ADC Reference
(2.5 V)
DAC3
10-b
DAC0
10-b
DAC1
10-b
DAC2
10-b
ADC
10-b
ref_on = 1
C>4.7 F
(Minimize
inductance to pin)
m
AMC7891
www.ti.com
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
REFERENCE OPERATION
The AMC7891 includes a buffered internal reference for the ADC, DACs and temperature sensor. The internal
reference is a 2.5 V, bipolar transistor-based, precision bandgap reference.
The internal reference always drives the DACs and the internal temperature sensor directly (unbuffered);
however the ADC can be driven either by the internal reference (buffered) or by an external one as determined
by the ref_on bit (AMC_power register, bit 13). If used, the external reference is applied to the dual purpose REF
pin. A decoupling capacitor is recommended between the external reference output an AGND for noise filtering.
In internal ADC reference mode, the buffered internal reference is available at the REF pin. A compensating
4.7
µF capacitor is recommended between the internal buffered reference output and AGND.
On power-up, the AMC7891 is configured for ADC external reference (ref_on bit cleared to
‘0’). In this case it is
important that the external reference source is not input into the REF pin until AVDD is stable. If using the internal
reference to drive the ADC, the ref_on must be set to
‘1’ to enable the internal reference buffer.
Figure 31. External ADC Reference
Figure 32. Internal ADC Reference
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com