Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7891SRHHT Datasheet(PDF) 30 Page - Texas Instruments

Part # AMC7891SRHHT
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7891SRHHT Datasheet(HTML) 30 Page - Texas Instruments

Back Button AMC7891SRHHT Datasheet HTML 26Page - Texas Instruments AMC7891SRHHT Datasheet HTML 27Page - Texas Instruments AMC7891SRHHT Datasheet HTML 28Page - Texas Instruments AMC7891SRHHT Datasheet HTML 29Page - Texas Instruments AMC7891SRHHT Datasheet HTML 30Page - Texas Instruments AMC7891SRHHT Datasheet HTML 31Page - Texas Instruments AMC7891SRHHT Datasheet HTML 32Page - Texas Instruments AMC7891SRHHT Datasheet HTML 33Page - Texas Instruments AMC7891SRHHT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
10-bit
Resistor String
DACOUTn
dacn_data
Register Value
DAC Load
(1)
(1) Internal DAC load is generated by writing '1' to the dac_load bit in synchronous mode. In
asynchronous mode, the DAC latch is transparent.
DACn
Data Latch
VOUT
R
R
R
R
R
To Output
Amplifier
AMC7891
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
DAC OPERATION
The AMC7891 contains 4 independent DACs that provide analog control with 10 bits of resolution using an
internal reference. Each DAC core consists of a 10-bit string DAC and an output voltage buffer.
The DAC latch stores the code that determines the output voltage from the DAC string. The code is transferred
from the DACn_data registers to the DACn data latches when the internal DAC load signal is generated.
Figure 33. DAC Block Diagram
The resistor string structure is shown in Figure 34. It consists of a string of resistors, each of value R. The code
loaded to the DAC Latch determines at which node on the string the voltage is tapped off to be fed into the
output amplifier. The voltage is tapped off by closing one of the switches connecting the string to the amplifier.
This architecture has inherent monotonicity, voltage output, and low glitch. It is also linear because all the
resistors are of equal value.
Figure 34. Resistor String
30
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com