Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAPR.A Datasheet(PDF) 26 Page - Texas Instruments

Part # AMC7832IPAPR.A
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAPR.A Datasheet(HTML) 26 Page - Texas Instruments

Back Button AMC7832IPAPR.A Datasheet HTML 22Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 23Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 24Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 25Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 26Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 27Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 28Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 29Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
AMC7832
SLAS836 – MARCH 2014
www.ti.com
8.3.1.2 DAC Register Structure
The DACs input data is written to the individual DAC Data registers (address 0x50 – 0x67) in straight binary
format for all output ranges.
Table 2. DAC Data Format
DAC OUTPUT VOLTAGE (V)
DIGITAL CODE
0 TO +5-V RANGE
0 TO +10-V RANGE
-10 TO 0-V RANGE
0000 0000 0000
0
0
–10
0000 0000 0001
0.00122
0.00244
-9.99756
1000 0000 0000
2.5
5
-5
1111 1111 1110
4.99756
9.99512
-0.00488
1111 1111 1111
4.99878
9.99756
-0.00244
Data written to the DAC Data registers is initially stored in the DAC buffer registers. Transfer of data from the
DAC buffer registers to the active registers is initiated by an update command in the Register Update register
(address 0x0F). Once the active registers are updated, the DAC outputs change to their new values.
The host has the option to read from either the buffer registers or the active registers when accessing the DAC
Data registers. The DAC read back option is configured by the READBACK bit in the Interface Configuration 1
register (address 0x01).
8.3.1.3 DAC Clear Operation
Each DAC can be set to a clear state using either hardware or software. When a DAC goes to clear state it is
loaded with a zero-code input and the output voltage is set according to the operating output range. The DAC
buffer or active registers do not change when the DACs enter the clear state thus allowing the possibility to
return to the same voltage being output before the clear event was issued. Note that the DAC Data registers can
be updated while the DACs are in clear state allowing the DACs to output new values upon return to normal
operation. When the DACs exit the clear state they are immediately loaded with the data in the DAC active
registers and the output is set back to the corresponding level to restore operation.
The DAC Clear registers (address 0xB0 – 0xB1) enable independent control of each DAC clear state through
software. The DACs can also be forced to a clear state through hardware using the ALARMIN terminal. For a
detailed description of this method please refer to the Programmable Out-of-Range Alarms section.
The ALARMIN controlled clear mechanism is a special case of the device capability to force the DACs into clear
state as a response to an alarm event. To enable this functionality the clear-state controlling alarm events must
first be enabled as DAC clear alarm sources in the DAC Clear Source registers (address 0x1A – 0x1B).
Additionally the DAC outputs to be cleared by the selected alarm events need also to be specified in the DAC
Clear Enable registers (address 0x18 – 0x19).
When an alarm event is triggered, the corresponding alarm bit in the Alarm Status registers is set and all the
DACs set to clear in response to this alarm in the DAC Clear Enable registers enter a clear state. Once the alarm
bit is cleared, and as long as no other clear-state controlling alarm events have been triggered, the DACs get re-
loaded with the contents of the DAC active registers and the outputs update accordingly.
26
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com