Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAPR.A Datasheet(PDF) 50 Page - Texas Instruments

Part # AMC7832IPAPR.A
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAPR.A Datasheet(HTML) 50 Page - Texas Instruments

Back Button AMC7832IPAPR.A Datasheet HTML 46Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 47Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 48Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 49Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 50Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 51Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 52Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 53Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
AMC7832
SLAS836 – MARCH 2014
www.ti.com
Table 34. Register name: Alarm Status 1 – Address: 0x71, Default: 0x00 (READ ONLY)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
Alarm
0X71
7:4
Reserved
Reserved for factory use
0000
Status 1
3
ALARMIN-ALR
The ALARMIN-ALR is set to ‘1’ if the ALARMIN terminal is
0
enabled and set high.
2
THERM-ALR
Thermal alarm flag. When the die temperature is equal to or
0
greater than +150°C, the bit is set ('1') and the THERM-ALR flag
activates. The on-chip temperature sensor (LT) monitors the die
temperature. If LT is disabled, the THERM-ALR bit is always '0'.
The hysteresis of this alarm is 8°C.
1
LT-HIGH-ALR
LT-LOW-ALR = '1' when the temperature sensor is out of the
0
range defined by the upper threshold.
0
LT-LOW-ALR
LT-LOW-ALR = '1' when the temperature sensor is out of the
0
range defined by the lower threshold.
Table 35. Register name: General Status – Address: 0x72, Default: 0x00 (READ ONLY)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
General
0x72
7:3
Reserved
Reserved for factory use
All zeros
Status
2
Reserved
Reserved for factory use
0
1
GALR
Global alarm bit.
0
This bit is the OR function or all individual alarm bits of the status
register.
0
DAVF
ADC Data available flag bit. Direct mode only. Always cleared in
0
Auto mode.
0: ADC conversion is in progress or ADC is in Auto mode
1: ADC conversions are complete and new data is available
8.5.10 Temperature And GPIO Data: Address 0x78 – 0x7A
Table 36. Register name: Temperature Data (low byte) – Address: 0x78, Default: 0x00 (READ ONLY)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
Temp Data
0x78
7:0
TEMP-DATA(7:0)
Stores the temperature sensor reading in twos complement
0x00
(low)
format.
Table 37. Register name: Temperature Data (high byte) – Address: 0x79, Default: 0x00 (READ ONLY)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
Temp Data
0x79
7:4
Reserved
Reserved for factory use.
All zeros
(high)
3:0
TEMP-
Stores the temperature sensor reading in twos complement
0x00
DATA(11:8)
format.
Table 38. Register name: GPIO – Address: 0x7A, Default: 0xFF (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
GPIO
0x7A
7
GPIO-7
For write operation the GPIO terminal operates as an output.
1
Writing a ‘1’ to the GPIO-n bit sets the GPIO-N terminal to high
6
GPIO-6
1
impedance. Writing a ‘0’ sets the GPIO-n terminal to logic low.
5
GPIO-5
1
For read operations the GPIO terminal operates as an input.
Read the GPIO-n bit to receive the status of the GPIO-n terminal.
4
GPIO-4
1
After power-on reset, or any forced hardware or software reset,
3
GPIO-3
1
the GPIO-n terminal has a 48-k
Ω input impedance to IOVDD.
2
GPIO-2
1
1
GPIO-1
1
0
GPIO-0
1
50
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com