Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAPR.A Datasheet(PDF) 10 Page - Texas Instruments

Part # AMC7832IPAPR.A
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAPR.A Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC7832IPAPR.A Datasheet HTML 6Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 7Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 8Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 9Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 10Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 11Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 12Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 13Page - Texas Instruments AMC7832IPAPR.A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
AMC7832
SLAS836 – MARCH 2014
www.ti.com
Electrical Characteristics (continued)
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. AVDD = DVDD = +4.5 to +5.5-V, AVCC = +12-V, AVEE = -12-V, IOVDD = +1.8 to +5.5-V, AGND =
DGND = 0-V, AVSSA,B,C,D = 0-V (DAC groups in positive ranges) or -12-V (DAC groups in negative range), DAC output range
= 0 to 10-V for all groups, no load on the DACs, TA = -40°C to +105°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC AND TEMPERATURE SENSOR SPECIFICATIONS
Resolution
12
Bits
Unipolar input channels
±0.5
±1
LSB
INL
Integral nonlinearity
Bipolar input channels
±0.75
±1.5
LSB
DNL
Differential nonlinearity
Specified monotonic. All input channels
±0.5
±1
LSB
UNIPOLAR ANALOG INPUTS: LV_ADC12 to LV_ADC16
AVDD +
Absolute input voltage range
GND – 0.2
V
0.2
Full scale input range
0
2 × VREF
V
Input capacitance
VREF measured at REF_CMP terminal
34
pF
DC input leakage current
Unselected ADC input
±10
µA
Offset error
±2
±5
LSB
Offset error match
±2.5
LSB
Gain error(7)
±1
±5
LSB
Gain error match
±1
LSB
Single unipolar input, temperature sensor
Update time
11.5
µs
disabled
BIPOLAR ANALOG INPUTS: ADC_0 to ADC_11
Absolute input voltage range
–13
+13
V
Full scale input range
-12.5
12.5
V
Input resistance
175
k
Ω
Offset error
±5
±10
LSB
Gain error(7)
±5
±10
LSB
Single bipolar input, temperature sensor
Update time
34.5
µs
disabled
TEMPERATURE SENSOR
Operating range
-40
125
°C
Accuracy
TA = -40°C to 125°C, AVDD = +5-V
±1.25
±2.5
°C
Resolution
LSB size
0.25
°C
Update time
All ADC input channels disabled
256
µs
AUTOCYCLE UPDATE TIME
All 17 ADC inputs enabled, temperature
471.5
µs
sensor disabled
Autocycle update time
All 17 ADC inputs and temperature
727.5
µs
sensor enabled
(7)
Internal reference contribution not included.
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com