Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMR-R1.B Datasheet(PDF) 36 Page - Texas Instruments

Part # BQ40Z50RSMR-R1.B
Description  bq40z50-R1 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50RSMR-R1.B Datasheet(HTML) 36 Page - Texas Instruments

Back Button BQ40Z50RSMR-R1.B Datasheet HTML 32Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 33Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 34Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 35Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 36Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 37Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 38Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 39Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
bq40z50-R1
SLUSCB3 – JULY 2015
www.ti.com
Figure 31. FUSE Circuit
When the bq40z50-R1 is commanded to ignite the chemical fuse, the FUSE pin activates to give a typical 8-V
output. The new design makes it possible to use a higher Vgs FET for Q5. This improves the robustness of the
system, as well as widens the choices for Q5.
9.2.2.3 Secondary-Current Protection
The bq40z50-R1 provides secondary overcurrent and short-circuit protection, cell balancing, cell voltage
multiplexing, and voltage translation. The following discussion examines Cell and Battery Inputs, Pack and FET
Control, Temperature Output, and Cell Balancing.
9.2.2.3.1
Cell and Battery Inputs
Each cell input is conditioned with a simple RC filter, which provides ESD protection during cell connect and acts
to filter unwanted voltage transients. The resistor value allows some trade-off for cell balancing versus safety
protection.
The integrated cell balancing FETs allow the AFE to bypass cell current around a given cell or numerous cells,
effectively balancing the entire battery stack. External series resistors placed between the cell connections and
the VCx I/O pins set the balancing current magnitude. The internal FETs provide a 200-
Ω resistance (2 V < VDS
< 4 V). Series input resistors between 100
Ω and 1 kΩ are recommended for effective cell balancing.
The BAT input uses a diode (D1) to isolate and decouple it from the cells in the event of a transient dip in voltage
caused by a short-circuit event.
Also, as described in High-Current Path, the top and bottom nodes of the cells must be sensed at the battery
connections with a Kelvin connection to prevent voltage sensing errors caused by a drop in the high-current PCB
copper.
36
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com