Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMR-R1.B Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ40Z50RSMR-R1.B
Description  bq40z50-R1 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50RSMR-R1.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ40Z50RSMR-R1.B Datasheet HTML 6Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 7Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 8Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 9Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 10Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 11Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 12Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 13Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
bq40z50-R1
SLUSCB3 – JULY 2015
www.ti.com
Electrical Characteristics: Current Wake Comparator (continued)
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Time from
application of
tWAKE
700
µs
current to wake
interrupt
Wake comparator
tWAKE(SU)
500
1000
µs
startup time
7.10 Electrical Characteristics: VC1, VC2, VC3, VC4, BAT, PACK
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VC1–VSS, VC2–VC1, VC3–VC2, VC4–VC3
0.1980
0.2000
0.2020
K
Scaling factor
BAT–VSS, PACK–VSS
0.049
0.050
0.051
—
VREF2
0.490
0.500
0.510
VC1–VSS, VC2–VC1, VC3–VC2, VC4–VC3
–0.2
5
VIN
Input voltage range
V
BAT–VSS, PACK–VSS
–0.2
20
VC1, VC2, VC3, VC4, cell balancing off, cell detach
ILKG
Input leakage current
1
µA
detection off, ADC multiplexer off
Internal cell balance
RCB
RDS(ON) for internal FET switch at 2 V < VDS < 4 V
200
Ω
resistance
Internal cell detach
ICD
VCx > VSS + 0.8 V
30
50
70
µA
check current
7.11 Electrical Characteristics: SMBD, SMBC
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input voltage high
SMBC, SMBD, VREG = 1.8 V
1.3
V
VIL
Input voltage low
SMBC, SMBD, VREG = 1.8 V
0.8
V
VOL
Output low voltage
SMBC, SMBD, VREG = 1.8 V, IOL = 1.5 mA
0.4
V
CIN
Input capacitance
5
pF
ILKG
Input leakage current
1
µA
RPD
Pulldown resistance
0.7
1.0
1.3
M
Ω
7.12 Electrical Characteristics: PRES, BTP_INT, DISP
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input
1.3
V
VIL
Low-level input
0.55
V
VBAT > 5.5 V, IOH = –0 µA
3.5
VOH
Output voltage high
V
VBAT > 5.5 V, IOH = –10 µA
1.8
VOL
Output voltage low
IOL = 1.5 mA
0.4
V
CIN
Input capacitance
5
pF
ILKG
Input leakage current
1
µA
Output reverse
RO
Between PRES or BTP_INT or DISP and PBI
8
k
Ω
resistance
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com