Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMR-R1.B Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ40Z50RSMR-R1.B
Description  bq40z50-R1 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50RSMR-R1.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ40Z50RSMR-R1.B Datasheet HTML 3Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 4Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 5Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 6Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 7Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 8Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 9Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 10Page - Texas Instruments BQ40Z50RSMR-R1.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
VC and PACK Dividers
CHANx
1.9 M
VC4
0.1 M
10
ADC Mux
ADC
CHANx
1.9 M
PACK
0.1 M
10
ADC Mux
ADC
OCD, SCC, SCD Comparators and Coulomb Counter
SRP
SRN
3.8 k
3.8 k
Comparator
Array
100
100
Coulomb
Counter
Φ2
Φ1
Φ2
Φ1
Φ2
Φ1
Φ2
Φ1
4
bq40z50-R1
www.ti.com
SLUSCB3 – JULY 2015
Figure 3. Pin Equivalent Diagram 3
7 Specifications
7.1 Absolute Maximum Ratings
Over-operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage range,
BAT, VCC, PBI
–0.3
30
V
VCC
PACK, SMBC, SMBD, PRES or SHUTDN, BTP_INT, DISP
–0.3
30
V
TS1, TS2, TS3, TS4
–0.3
VREG + 0.3
V
PTC, PTCEN, LEDCNTLA, LEDCNTLB, LEDCNTLC
–0.3
VBAT + 0.3
V
SRP, SRN
–0.3
0.3
V
VC3 + 8.5, or
VC4
VC3 – 0.3
V
Input voltage range,
VSS + 30
VIN
VC2 + 8.5, or
VC3
VC2 – 0.3
V
VSS + 30
VC1 + 8.5, or
VC2
VC1 – 0.3
V
VSS + 30
VSS + 8.5, or
VC1
VSS – 0.3
V
VSS + 30
CHG, DSG
–0.3
32
Output voltage range,
VO
PCHG, FUSE
–0.3
30
V
Maximum VSS current, ISS
50
mA
Storage temperature, TSTG
–65
150
°C
Lead temperature (soldering, 10 s), TSOLDER
300
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Electrostatic
V(ESD)
V
Charged-device model (CDM), per JEDEC specification JESD22-
discharge
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com