Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMR-R2.B Datasheet(PDF) 24 Page - Texas Instruments

Part # BQ40Z50RSMR-R2.B
Description  BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50RSMR-R2.B Datasheet(HTML) 24 Page - Texas Instruments

Back Button BQ40Z50RSMR-R2.B Datasheet HTML 20Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 21Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 22Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 23Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 24Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 25Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 26Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 27Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
8 Detailed Description
8.1 Overview
The BQ40Z50-R2 device, incorporating patented Impedance Track™ technology, provides cell balancing while
charging or at rest. This fully integrated, single-chip, pack-based solution, including a diagnostic lifetime data
monitor and black box recorder, provides a rich array of features for gas gauging, protection, and authentication
for 1-series, 2-series, 3-series, and 4-series cell Li-ion and Li-polymer battery packs.
8.2 Functional Block Diagram
DMAddr (16bit)
Cell
Balancing
Over
Current
Comparator
Short Circuit
Comparator
Power On
Reset
Voltage
Reference2
Watchdog
Timer
Zero Volt
Charge
Control
Wake
Comparator
Internal
Temp
Sensor
Random
Number
Generator
AFE Control
ADC MUX
Cell Detach
Detection
High
Frequency
Oscillator
SBS COM
Engine
AFE COM
Engine
I/O &
Interrupt
Controller
Data Flash
EEPROM
ADC/CC
Digital Filter
Program
Flash
EEPROM
bqBMP
CPU
Timers &
PWM
PMAddr
(16bit)
PMInstr
(8bit)
Cell, Stack,
Pack
Voltage
Voltage
Reference1
SMBC
SMBD
LEDCNTLA
LEDCNTLB
LEDCNTLC
PRES or SHUTDN
BTP_INT
FUSE
PTCEN
SRP
High Side
N-CH FET
Drive
P-CH
FET Drive
FUSE
Control
High
Voltage
I/O
LED Display
Drive I/O
Power Mode
Control
SBS High
Voltage
Translation
Low
Frequency
Oscillator
ADC/CC
FRONTEND
1.8V LDO
Regulator
TS1
TS2
TS3
TS4
Low Voltage
I/O
PTC
Overtemp
PTC
SRN
AFE COM
Engine
Data
SRAM
Data (8bit)
I /O
NTC Bias
Copyright © 2017, Texas Instruments Incorporated
DISP
BQ40Z50-R2
SLUSCS4C – JUNE 2017 – REVISED APRIL 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BQ40Z50-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com