Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMR-R2.B Datasheet(PDF) 27 Page - Texas Instruments

Part # BQ40Z50RSMR-R2.B
Description  BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50RSMR-R2.B Datasheet(HTML) 27 Page - Texas Instruments

Back Button BQ40Z50RSMR-R2.B Datasheet HTML 23Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 24Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 25Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 26Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 27Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 28Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 29Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 30Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
The cell balancing algorithm determines the amount of charge needed to be bypassed to balance the capacity of
all cells.
8.3.6 Battery Parameter Measurements
8.3.6.1 Charge and Discharge Counting
The BQ40Z50-R2 uses an integrating delta-sigma analog-to-digital converter (ADC) for current measurement,
and a second delta-sigma ADC for individual cell and battery voltage and temperature measurement.
The integrating delta-sigma ADC measures the charge/discharge flow of the battery by measuring the voltage
drop across a small-value sense resistor between the SRP and SRN terminals. The integrating ADC measures
bipolar signals from –0.1 V to 0.1 V. The BQ40Z50-R2 detects charge activity when VSR = V(SRP) – V(SRN)
is positive, and discharge activity when VSR = V(SRP) – V(SRN) is negative. The BQ40Z50-R2 continuously
integrates the signal over time, using an internal counter. The fundamental rate of the counter is 0.26 nVh.
8.3.7 Battery Trip Point (BTP)
Required for WIN8 OS, the battery trip point (BTP) feature indicates when the RSOC of a battery pack has
depleted to a certain value set in a DF register. This feature enables a host to program two capacity-based
thresholds that govern the triggering of a BTP interrupt on the BTP_INT pin, and the setting or clearing of the
OperationStatus[BTP_INT] on the basis of RemainingCapacity().
An internal weak pullup is applied when the BTP feature is active. Depending on the system design, an external
pullup may be required to put on the BTP_INT pin. See Section 7.12 for details.
8.3.8 Lifetime Data Logging Features
The BQ40Z50-R2 offers lifetime data logging for several critical battery parameters. The following parameters
are updated every 10 hours if a difference is detected between values in RAM and data flash:
• Maximum and Minimum Cell Voltages
• Maximum Delta Cell Voltage
• Maximum Charge Current
• Maximum Discharge Current
• Maximum Average Discharge Current
• Maximum Average Discharge Power
• Maximum and Minimum Cell Temperature
• Maximum Delta Cell Temperature
• Maximum and Minimum Internal Sensor Temperature
• Maximum FET Temperature
• Number of Safety Events Occurrences and the Last Cycle of the Occurrence
• Number of Valid Charge Termination and the Last Cycle of the Valid Charge Termination
• Number of Qmax and Ra Updates and the Last Cycle of the Qmax and Ra Updates
• Number of Shutdown Events
• Cell Balancing Time for Each Cell
(This data is updated every 2 hours if a difference is detected.)
• Total FW Runtime and Time Spent in Each Temperature Range
(This data is updated every 2 hours if a difference is detected.)
8.3.9 Authentication
The BQ40Z50-R2 supports authentication by the host using SHA-1.
8.3.10 LED Display
The BQ40Z50-R2 can drive a 3-, 4-, or 5- segment LED display for remaining capacity indication and/or a
permanent fail (PF) error code indication.
8.3.11 IATA Support
The BQ40Z50-R2 supports IATA with several new commands and procedures. See the BQ40Z50-R2 Technical
Reference Manual (SLUUBK0) for further details.
www.ti.com
BQ40Z50-R2
SLUSCS4C – JUNE 2017 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: BQ40Z50-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com