Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMR-R2.B Datasheet(PDF) 26 Page - Texas Instruments

Part # BQ40Z50RSMR-R2.B
Description  BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50RSMR-R2.B Datasheet(HTML) 26 Page - Texas Instruments

Back Button BQ40Z50RSMR-R2.B Datasheet HTML 22Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 23Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 24Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 25Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 26Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 27Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 28Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 29Page - Texas Instruments BQ40Z50RSMR-R2.B Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
• Data Flash Permanent Failure
• Open Thermistor Permanent Failure
8.3.3 Charge Control Features
The BQ40Z50-R2 charge control features include:
• Supports JEITA temperature ranges. Reports charging voltage and charging current according to the active
temperature range
• Handles more complex charging profiles. Allows for splitting the standard temperature range into two sub-
ranges and allows for varying the charging current according to the cell voltage
• Reports the appropriate charging current needed for constant current charging and the appropriate charging
voltage needed for constant voltage charging to a smart charger using SMBus broadcasts
• Reduces the charge difference of the battery cells in a fully charged state of the battery pack gradually using
a voltage-based cell balancing algorithm during charging. A voltage threshold can be set up for cell balancing
to be active. This prevents fully charged cells from overcharging and causing excessive degradation and also
increases the usable pack energy by preventing premature charge termination.
• Supports precharging/0-volt charging
• Supports charge inhibit and charge suspend if battery pack temperature is out of temperature range
• Reports charging fault and also indicates charge status via charge and discharge alarms
8.3.4 Gas Gauging
The BQ40Z50-R2 uses the Impedance Track algorithm to measure and calculate the available capacity in
battery cells. The BQ40Z50-R2 accumulates a measure of charge and discharge currents and compensates the
charge current measurement for the temperature and state-of-charge of the battery. The BQ40Z50-R2 estimates
self-discharge of the battery and also adjusts the self-discharge estimation based on temperature. The device
also has TURBO Mode 2.0 support, which enables the BQ40Z50-R2 to provide the necessary data for the
MCU to determine what level of peak power consumption can be applied without causing a system reset or
transient battery voltage level spike to trigger termination flags. See the BQ40Z50-R2 Technical Reference
Manual (SLUUBK0) for further details.
8.3.5 Configuration
8.3.5.1 Oscillator Function
The BQ40Z50-R2 fully integrates the system oscillators and does not require any external components to
support this feature.
8.3.5.2 System Present Operation
The BQ40Z50-R2 checks the PRES pin periodically (1 s). If PRES input is pulled to ground by the external
system, the BQ40Z50-R2 detects this as system present.
8.3.5.3 Emergency Shutdown
For battery maintenance, the emergency shutdown feature enables a push button action connecting the
SHUTDN pin to shut down an embedded battery pack system before removing the battery. A high-to-low
transition of the SHUTDN pin signals the BQ40Z50-R2 to turn off the CHG and DSG FETs, disconnecting the
power from the system to safely remove the battery pack. The CHG and DSG FETs can be turned on again by
another high-to-low transition detected by the SHUTDN pin or when a data flash configurable timeout is reached.
8.3.5.4 1-Series, 2-Series, 3-Series, or 4-Series Cell Configuration
In a 1-series cell configuration, VC4 is shorted to VC, VC2, and VC1. In a 2-series cell configuration, VC4 is
shorted to VC3 and VC2. In a 3-series cell configuration, VC4 is shorted to VC3.
8.3.5.5 Cell Balancing
The device supports cell balancing by bypassing the current of each cell during charging or at rest. If the
device's internal bypass is used, up to 10 mA can be bypassed and multiple cells can be bypassed at the same
time. Higher cell balance current can be achieved by using an external cell balancing circuit. In external cell
balancing mode, only one cell at a time can be balanced.
BQ40Z50-R2
SLUSCS4C – JUNE 2017 – REVISED APRIL 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BQ40Z50-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com