Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMR-R2G4 Datasheet(PDF) 29 Page - Texas Instruments

Part # BQ40Z50RSMR-R2G4
Description  BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50RSMR-R2G4 Datasheet(HTML) 29 Page - Texas Instruments

Back Button BQ40Z50RSMR-R2G4 Datasheet HTML 25Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 26Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 27Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 28Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 29Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 30Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 31Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 32Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The BQ40Z50-R2 is a gas gauge with primary protection support, and can be used with 1-series to 4-series
Li-ion/Li-polymer battery packs. To implement and design a comprehensive set of parameters for a specific
battery pack, users need the Battery Management Studio (BQSTUDIO) graphical user-interface tool installed on
a PC during development. The firmware installed on the BQSTUDIO tool has default values for this product,
which are summarized in the BQ40Z50-R2 Technical Reference Manual (SLUUBK0). Using the BQSTUDIO tool,
these default values can be changed to cater to specific application requirements during development once
the system parameters, such as fault trigger thresholds for protection, enable/disable of certain features for
operation, configuration of cells, chemistry that best matches the cell used, and more are known. This data is
referred to as the "golden image."
www.ti.com
BQ40Z50-R2
SLUSCS4C – JUNE 2017 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: BQ40Z50-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com