Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMR-R2G4 Datasheet(PDF) 42 Page - Texas Instruments

Part # BQ40Z50RSMR-R2G4
Description  BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50RSMR-R2G4 Datasheet(HTML) 42 Page - Texas Instruments

Back Button BQ40Z50RSMR-R2G4 Datasheet HTML 38Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 39Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 40Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 41Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 42Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 43Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 44Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 45Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
11 Layout
11.1 Layout Guidelines
A battery fuel gauge circuit board is a challenging environment due to the fundamental incompatibility of high-
current traces and ultra-low current semiconductor devices. The best way to protect against unwanted trace-to-
trace coupling is with a component placement, such as that shown in Figure 11-1, where the high-current section
is on the opposite side of the board from the electronic devices. Clearly, this is not possible in many situations
due to mechanical constraints. Still, every attempt should be made to route high-current traces away from signal
traces, which enter the BQ40Z50-R2 directly. IC references and registers can be disturbed and in rare cases
damaged due to magnetic and capacitive coupling from the high-current path.
Note
During surge current and ESD events, the high-current traces appear inductive and can couple
unwanted noise into sensitive nodes of the gas gauge electronics, as illustrated in Figure 11-2.
Low Level Circuits
BAT +
BAT –
R1
J1
C1
F1
Q2
Q1
C3
C2
Copyright © 2016 , Texas Instruments Incorporated
Figure 11-1. Separating High- and Low-Current Sections Provides an Advantage in Noise Immunity
PACK +
COMM
PACK –
Copyright © 2016 , Texas Instruments Incorporated
BMU
Figure 11-2. Avoid Close Spacing Between High-Current and Low-Level Signal Lines
Kelvin voltage sensing is extremely important in order to accurately measure current and top and bottom cell
voltages. Place all filter components as close as possible to the device. Route the traces from the sense resistor
in parallel to the filter circuit. Adding a ground plane around the filter network can add additional noise immunity.
Figure 11-3 and Figure 11-4 demonstrate correct Kelvin current sensing.
BQ40Z50-R2
SLUSCS4C – JUNE 2017 – REVISED APRIL 2021
www.ti.com
42
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BQ40Z50-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com