Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMR-R2G4 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ40Z50RSMR-R2G4
Description  BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50RSMR-R2G4 Datasheet(HTML) 3 Page - Texas Instruments

  BQ40Z50RSMR-R2G4 Datasheet HTML 1Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 2Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 3Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 4Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 5Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 6Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 7Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 8Page - Texas Instruments BQ40Z50RSMR-R2G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
5 Description (continued)
The BQ40Z50-R2 device supports TURBO Mode 2.0 by providing the available max power and max current to
the host system. The device also supports Battery Trip Point to send a BTP interrupt signal to the host system at
the preset state of charge thresholds.
The BQ40Z50-R2 provides software-based 1st- and 2nd-level safety protection against overvoltage,
undervoltage, overcurrent, short-circuit current, overload, and overtemperature conditions, as well as other pack-
and cell-related faults.
SHA-1 authentication, with secure memory for authentication keys, enables identification of genuine battery
packs.
The compact 32-lead QFN package minimizes solution cost and size for smart batteries while providing
maximum functionality and safety for battery gauging applications.
6 Pin Configuration and Functions
1
PBI
24
PTCEN
2
VC4
23
PTC
3
VC3
22
LEDCNTLC
4
VC2
21
LEDCNTLB
5
VC1
20
LEDCNTLA
6
SRN
19
SMBC
7
NC
18
SMBD
8
SRP
17
DISP
Not to scale
Thermal
Pad
Table 6-1. Pin Functions
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
PBI
P(1)
Power supply backup input pin. Connect to the 2.2-µF capacitor to VSS.
2
VC4
IA
Sense voltage input pin for the most positive cell, and balance current input
for the most positive cell. Should be connected to the positive terminal of the
fourth cell from the bottom of the stack with a 100-Ω series resistor and a
0.1-μF capacitor to VC3. If not used, connect to VC3.
3
VC3
IA
Sense voltage input pin for the third-most positive cell, balance current input
for the third-most positive cell, and return balance current for the most
positive cell. Should be connected to the positive terminal of the third cell from
the bottom of the stack with a 100-Ω series resistor and a 0.1-μF capacitor to
VC2. If not used, connect to VC2.
4
VC2
IA
Sense voltage input pin for the second-most positive cell, balance current
input for the second-most positive cell, and return balance current for the
third-most positive cell. Should be connected to the positive terminal of the
second cell from the bottom of the stack with a 100-Ω series resistor and a
0.1-μF capacitor to VC1. If not used, connect to VC1.
5
VC1
IA
Sense voltage input pin for the least positive cell, balance current input for
the least positive cell, and return balance current for the second-most positive
cell. Should be connected to the positive terminal of the first cell from the
bottom of the stack with a 100-Ω series resistor and a 0.1-μF capacitor to
VSS.
www.ti.com
BQ40Z50-R2
SLUSCS4C – JUNE 2017 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: BQ40Z50-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com