Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMT-R1 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ40Z50RSMT-R1
Description  bq40z50-R1 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50RSMT-R1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ40Z50RSMT-R1 Datasheet HTML 2Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 3Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 4Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 5Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 6Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 7Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 8Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 9Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
SMBus Interface
100 k
1 M
SMBC
SMBCIN
SMBCEN
SMBCOUT
100 k
1 M
SMBD
SMBDIN
SMBDEN
SMBDOUT
FUSE
2 k
FUSE Drive
FUSEEN
BAT
FUSEWKPUP
100 k
FUSEDIG
150 nA
Thermistor Inputs
ADTHx
2 k
TS1,2,3,4
18 k
1.8 V
ADC Mux
High-Voltage GPIO
RHOEN
PBI
100 k
RHIN
10 k
PRES
RHOUT
LED Drive
RLOEN
BAT
100 k
RLIN
10 k
LED1, 2, 3
RLOUT
22.5 mA
ADC
PTC
PTC
Counter
PTC
Latch
PTCDIG
290 nA
PTCEN
30 k
PTC
Comparator
PTC Detection
RCWKPUP
1 k
RCIN
RCOUT
1.8 V
RCPUP
1.8 V
bq40z50-R1
SLUSCB3 – JULY 2015
www.ti.com
Figure 2. Pin Equivalent Diagram 2
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com