Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMT-R1 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ40Z50RSMT-R1
Description  bq40z50-R1 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50RSMT-R1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ40Z50RSMT-R1 Datasheet HTML 5Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 6Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 7Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 8Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 9Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 10Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 11Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 12Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
bq40z50-R1
www.ti.com
SLUSCB3 – JULY 2015
Electrical Characteristics: Power Supply Control (continued)
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC to BAT
VSWITCHOVER+
switchover
VBAT > VSWITCHOVER– + VHYS
2.9
3.1
3.25
V
voltage
Switchover
VHYS
VSWITCHOVER+ – VSWITCHOVER–
1000
mV
voltage hysteresis
BAT pin, BAT = 0 V, VCC = 25 V, PACK = 25 V
1
Input Leakage
PACK pin, BAT = 25 V, VCC = 0 V, PACK = 0 V
1
ILKG
µA
current
BAT and PACK terminals, BAT = 0 V, VCC = 0 V, PACK
1
= 0 V, PBI = 25 V
Internal pulldown
RPD
PACK
30
40
50
k
Ω
resistance
7.7 Electrical Characteristics: AFE Power-On Reset
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Negative-going
VREGIT–
VREG
1.51
1.55
1.59
V
voltage input
Power-on reset
VHYS
VREGIT+ – VREGIT–
70
100
130
mV
hysteresis
Power-on reset
tRST
200
300
400
µs
time
7.8 Electrical Characteristics: AFE Watchdog Reset and Wake Timer
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tWDT = 500
372
500
628
tWDT = 1000
744
1000
1256
AFE watchdog
tWDT
ms
timeout
tWDT = 2000
1488
2000
2512
tWDT = 4000
2976
4000
5024
tWAKE = 250
186
250
314
tWAKE = 500
372
500
628
tWAKE
AFE wake timer
ms
tWAKE = 1000
744
1000
1256
tWAKE = 512
1488
2000
2512
FET off delay after
tFETOFF
tFETOFF = 512
409
512
614
ms
reset
7.9 Electrical Characteristics: Current Wake Comparator
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VWAKE = ±0.625 mV
±0.3
±0.625
±0.9
VWAKE = ±1.25 mV
±0.6
±1.25
±1.8
Wake voltage
VWAKE
mV
threshold
VWAKE = ±2.5 mV
±1.2
±2.5
±3.6
VWAKE = ±5 mV
±2.4
±5.0
±7.2
Temperature drift
VWAKE(DRIFT)
0.5%
°C
of VWAKE accuracy
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com