Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMT-R1 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ40Z50RSMT-R1
Description  bq40z50-R1 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50RSMT-R1 Datasheet(HTML) 1 Page - Texas Instruments

  BQ40Z50RSMT-R1 Datasheet HTML 1Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 2Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 3Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 4Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 5Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 6Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 7Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 8Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
BAT
VC
4
VC3
VC2
VC1
VSS
SRN
SRP
PACK+
PACK–
PRES
SMBC
SMBD
SMBD
SMBC
PBI
TS1 TS2
LEDCNTLA
LEDCNTLB
DISP
LEDCNTLC
TS3 TS4 BTP
BTP
VC1
VC2
VC3
OUT
VDD
GND
Cell 1
Cell 2
Cell 3
PRES
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq40z50-R1
SLUSCB3 – JULY 2015
bq40z50-R1 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
1 Features
3 Description
The
bq40z50-R1
device,
incorporating
patented
1
•
Fully Integrated 1-Series, 2-Series, 3-Series, and
Impedance Track™ technology, is a fully integrated,
4-Series Li-Ion or Li-Polymer Cell Battery Pack
single-chip, pack-based solution that provides a rich
Manager and Protection
array of features for gas gauging, protection, and
•
Next-Generation Patented Impedance Track™
authentication for 1-series, 2-series, 3-series, and 4-
Technology Accurately Measures Available
series cell Li-Ion and Li-Polymer battery packs.
Charge in Li-Ion and Li-Polymer Batteries
Using
its
integrated
high-performance
analog
•
High Side N-CH Protection FET Drive
peripherals, the bq40z50-R1 device measures and
•
Integrated Cell Balancing While Charging or At
maintains an accurate record of available capacity,
voltage,
current,
temperature,
and
other
critical
Rest
parameters in Li-Ion or Li-Polymer batteries, and
•
Full Array of Programmable Protection Features
reports this information to the system host controller
–
Voltage
over an SMBus v1.1 compatible interface.
–
Current
Device Information(1)
–
Temperature
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Charge Timeout
bq40z50-R1
VQFN (32)
4.00 mm × 4.00 mm
–
CHG/DSG FETs
(1) For all available packages, see the orderable addendum at
–
AFE
the end of the datasheet.
•
Sophisticated Charge Algorithms
Simplified Schematic
–
JEITA
–
Enhanced Charging
–
Adaptive Charging
–
Cell Balancing
•
Supports TURBO BOOST Mode
•
Supports Battery Trip Point (BTP)
•
Diagnostic Lifetime Data Monitor and Black Box
Recorder
•
LED Display
•
Supports Two-Wire SMBus v1.1 Interface
•
SHA-1 Authentication
•
Compact Package: 32-Lead QFN (RSM)
2 Applications
•
Notebook/Netbook PCs
•
Medical and Test Equipment
•
Portable Instrumentation
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ40Z50RSMT-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ40Z50RSMT-R1 TI1-BQ40Z50RSMT-R1 Datasheet
3Mb / 55P
Li-Ion Battery Pack Manager
More results

Similar Description - BQ40Z50RSMT-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3050 TI-BQ3050 Datasheet
735Kb / 28P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI-BQ3055 Datasheet
632Kb / 23P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ30Z554-R1 TI1-BQ30Z554-R1 Datasheet
923Kb / 29P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI1-BQ3055_14 Datasheet
914Kb / 27P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
Li-Ion Battery Pack Manager
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z80 TI1-BQ40Z80 Datasheet
1Mb / 46P
2-Series to 7-Series Li-Ion Battery Pack Manager
logo
Renesas Technology Corp
RAJ240045 RENESAS-RAJ240045_V01 Datasheet
3Mb / 60P
2 to 4 Series Li-ion Battery Manager
Feb. 23, 2018
RAJ240090 RENESAS-RAJ240090_V01 Datasheet
3Mb / 85P
3 to 10 Series Li-ion Battery Manager
Jan.17, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com