Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7264 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7264
Description  25 W 25 W stereo amplifier with mute and standby
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7264 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7264 Datasheet HTML 5Page - STMicroelectronics TDA7264 Datasheet HTML 6Page - STMicroelectronics TDA7264 Datasheet HTML 7Page - STMicroelectronics TDA7264 Datasheet HTML 8Page - STMicroelectronics TDA7264 Datasheet HTML 9Page - STMicroelectronics TDA7264 Datasheet HTML 10Page - STMicroelectronics TDA7264 Datasheet HTML 11Page - STMicroelectronics TDA7264 Datasheet HTML 12Page - STMicroelectronics TDA7264 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TDA7264
Applications information
Doc ID 1477 Rev 6
9/14
5
Applications information
Figure 12.
Schematic of demo board
Figure 13.
Component layout of demo-board
SW1
ST-BY
R1
DZ
Q1
R3
18K
R4
15K
IN (L)
C1 1
µF
R2
15K
C3
1
µF
MUTE/
ST-BY
GND
SW2
MUTE
IN (R)
C2 1
µF
R5
4.7
Ω
R6
4.7
Ω
C8
100nF
C9
100nF
OUT (L)
OUT (R)
C7
100nF
C6
1000
µF
C5
100nF
C4
1000
µF
+VS
2
4
6
7
5
8
1
3
+
+
-
-
D94AU068B
RL (L)
RL (R)
+VS
-VS
B
B
A
A
SW1
SW2
Mode
AA
Standby
AB
Standby
BBMute
BAPlay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com