Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7264 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7264
Description  25 W 25 W stereo amplifier with mute and standby
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7264 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7264 Datasheet HTML 1Page - STMicroelectronics TDA7264 Datasheet HTML 2Page - STMicroelectronics TDA7264 Datasheet HTML 3Page - STMicroelectronics TDA7264 Datasheet HTML 4Page - STMicroelectronics TDA7264 Datasheet HTML 5Page - STMicroelectronics TDA7264 Datasheet HTML 6Page - STMicroelectronics TDA7264 Datasheet HTML 7Page - STMicroelectronics TDA7264 Datasheet HTML 8Page - STMicroelectronics TDA7264 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
July 2009
Doc ID 1477 Rev 6
1/14
14
TDA7264
25 W + 25 W stereo amplifier with mute and standby
Features
Wide supply voltage range (up to ±22.5 V)
Split supply
High output power
– 25 W + 25 W into 8
Ω
with VS = ±20 V and THD = 10%
No “pop” at turn on/off
Mute (“pop”-free)
Standby feature (low Iq)
Few external components
Short-circuit protection
Thermal overload protection
Description
The TDA7264 is class-AB dual audio power
amplifier assembled in a Multiwatt package.
It is specially designed for high-quality sound
applications such as hi-fi music centers and
stereo TV sets.
Figure 1.
Applications circuit
Multiwatt8
Table 1.
Device summary
Order code
Operating temperature
Package
Packaging
TDA7264
0 to 70 °C
Multiwatt8
Tube
+5V
18K
15K
IN (L)
1
µF
15K
1
µF
MUTE/
ST-BY
GND
IN (R)
1
µF
4.7
Ω
4.7
Ω
100nF
100nF
OUT (L)
OUT (R)
1000
µF
1000
µF
+VS
2
4
6
7
5
8
1
3
+
+
-
-
D94AU069A
RL (L)
RL (R)
+VS
-VS
µP
www.st.com


Similar Part No. - TDA7264

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7264 STMICROELECTRONICS-TDA7264 Datasheet
189Kb / 12P
2525W STEREO AMPLIFIER WITH MUTE/ST-BY
1999-Apr
TDA7264A STMICROELECTRONICS-TDA7264A Datasheet
189Kb / 12P
2525W STEREO AMPLIFIER WITH MUTE/ST-BY
1999-Apr
More results

Similar Description - TDA7264

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7264 STMICROELECTRONICS-TDA7264 Datasheet
189Kb / 12P
2525W STEREO AMPLIFIER WITH MUTE/ST-BY
1999-Apr
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
157Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
1998-Jul
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
STMicroelectronics
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
30 W 30 W stereo amplifier with mute and standby
19-Dec-2011
TDA7292 STMICROELECTRONICS-TDA7292 Datasheet
337Kb / 22P
40 W 40 W stereo amplifier with mute and standby
29-Feb-2012
TDA7265A STMICROELECTRONICS-TDA7265A Datasheet
400Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
Apr-2002
logo
Unisonic Technologies
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com