Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7264 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7264
Description  25 W 25 W stereo amplifier with mute and standby
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7264 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7264 Datasheet HTML 1Page - STMicroelectronics TDA7264 Datasheet HTML 2Page - STMicroelectronics TDA7264 Datasheet HTML 3Page - STMicroelectronics TDA7264 Datasheet HTML 4Page - STMicroelectronics TDA7264 Datasheet HTML 5Page - STMicroelectronics TDA7264 Datasheet HTML 6Page - STMicroelectronics TDA7264 Datasheet HTML 7Page - STMicroelectronics TDA7264 Datasheet HTML 8Page - STMicroelectronics TDA7264 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TDA7264
Electrical specifications
Doc ID 1477 Rev 6
3/14
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical specifications
Unless otherwise stated, the results in Table 4 below are given for the conditions:
VS =±20 V, RL (load) = 8 Ω, RS (source) = 50 Ω, f = 1 kHz, and Tamb = 25° C. See also the
applications circuit in Figure 12 on page 9.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC supply voltage
±25
V
IO
Output Peak Current (internally limited)
4.5
A
Ptot
power Dissipation Tcase = 70°C
30
W
Top
Operating temperature
-20 to 85
°C
Tj
Junction temperature
-40 to 150
°C
Tstg
Storage temperature
-40 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rth j-case Thermal resistance, junction to case
-
-
2
°C/W
Table 4.
Electrical specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VS
Supply voltage range
-
±5
-
±22.5 V
Iq
Total quiescent current
-
-
80
130
mA
POM
Music output power (1)
THD = 10%,
RL = 8 Ω, VS = ±22.5 V
-32
-
W
PO
Output power
THD = 10%:
RL = 8 Ω, VS = ±20 V
RL = 4 Ω, VS = ±16 V
20
25
25
-
W
THD = 1%:
RL = 8 Ω, VS = ±20 V
RL = 4 Ω, VS = ±16 V
-
20
20
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com