Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7449 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7449
Description  Digital tone control audio processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7449 Datasheet HTML 2Page - STMicroelectronics TDA7449 Datasheet HTML 3Page - STMicroelectronics TDA7449 Datasheet HTML 4Page - STMicroelectronics TDA7449 Datasheet HTML 5Page - STMicroelectronics TDA7449 Datasheet HTML 6Page - STMicroelectronics TDA7449 Datasheet HTML 7Page - STMicroelectronics TDA7449 Datasheet HTML 8Page - STMicroelectronics TDA7449 Datasheet HTML 9Page - STMicroelectronics TDA7449 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics and test circuit
TDA7449
6/21
DocID006317 Rev 5
Figure 3. Test circuit
0/30dB
2dB STEP
MUXOUTL
VOLUME
VOLUME
TREBLE
TREBLE
TREBLE(L)
BASS
BASS
MUXOUTR
TREBLE(R)
SPKR ATT
LEFT
LOUT
SCL
SDA
DIG_GND
ROUT
D98AU849A
I
2CBUS DECODER + LATCHES
100K
100K
G
L-IN1
L-IN2
100K
100K
R-IN2
R-IN1
G
INPUT MULTIPLEXER
+ GAIN
BOUT(L)
SPKR ATT
RIGHT
BOUT(R)
SUPPLY
CREF
AGND
VS
BIN(L)
5
8
9
6
7
19
20
18
4
2
3
11
17
12
13
1
10
16
15
14
RB
RB
VREF
C9
5.6nF
150nF
330nF
R2 2K
C10
5.6nF
150nF
330nF
R1
C3 0.47
μF
C4 0.47
μF
C1 0.47
μF
C2 0.47
μF
C11
10
μF
1
2
3
4
5
RCA
J3
J4
CON3
IN2L
IN1L
GND
GND
GND
IN1L
RCA
J2
J1
CON
IN1R
IN2R
GND
GND
IN1R
1
2
3
4
1
2
3
4
MOUTR
GND
MOUTL
J5
J5
CON4
GND
C5
C6
2K
C8
C7
1
2
3
4
J6
CON4
R3 30
JP1
JUMPER
+9 V
1
2
3
4
J10
CON4
J8
J9
OUT_ R
OUT_L
OUT_R
OUT_L
1
2
+9V
J7
CON2
C13
100nF
C12
22
μF
+V8
GND
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com