Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7449 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7449
Description  Digital tone control audio processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7449 Datasheet HTML 11Page - STMicroelectronics TDA7449 Datasheet HTML 12Page - STMicroelectronics TDA7449 Datasheet HTML 13Page - STMicroelectronics TDA7449 Datasheet HTML 14Page - STMicroelectronics TDA7449 Datasheet HTML 15Page - STMicroelectronics TDA7449 Datasheet HTML 16Page - STMicroelectronics TDA7449 Datasheet HTML 17Page - STMicroelectronics TDA7449 Datasheet HTML 18Page - STMicroelectronics TDA7449 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
DocID006317 Rev 5
15/21
TDA7449
Data bytes
21
Table 11. Bass selection
MSB
LSB
Bass
2 dB steps
D7
D6
D5
D4
D3
D2
D1
D0
0000
-14 dB
0001
-12 dB
0010
-10 dB
0011
-8 dB
0100
-6 dB
0101
-4 dB
0110
-2 dB
0111
0 dB
1111
0 dB
1110
2 dB
1101
4 dB
1100
6 dB
1011
8 dB
1010
10 dB
1001
12 dB
1000
14 dB
Table 12. Treble selection
MSB
LSB
Treble
2 dB steps
D7
D6
D5
D4
D3
D2
D1
D0
0000
-14 dB
0001
-12 dB
0010
-10 dB
0011
-8 dB
0100
-6 dB
0101
-4 dB
0110
-2 dB
0111
0 dB
1111
0 dB
1110
2 dB
1101
4 dB
1100
6 dB
1011
8 dB
1010
10 dB
1001
12 dB
1000
14 dB
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com