Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7449 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7449
Description  Digital tone control audio processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7449 Datasheet HTML 8Page - STMicroelectronics TDA7449 Datasheet HTML 9Page - STMicroelectronics TDA7449 Datasheet HTML 10Page - STMicroelectronics TDA7449 Datasheet HTML 11Page - STMicroelectronics TDA7449 Datasheet HTML 12Page - STMicroelectronics TDA7449 Datasheet HTML 13Page - STMicroelectronics TDA7449 Datasheet HTML 14Page - STMicroelectronics TDA7449 Datasheet HTML 15Page - STMicroelectronics TDA7449 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Examples
TDA7449
12/21
DocID006317 Rev 5
6
Examples
6.1
No incremental bus
The TDA7449 receives a start condition, the correct chip address, a subaddress with B = 0
(no incremental bus), N-data (all these data concern the subaddress selected), a stop
condition.
Figure 14. No incremental bus (B = 0)
6.2
Incremental bus
The TDA7449 receives a start condition, the correct chip address, a subaddress with B = 1
(incremental bus): now it is in a loop condition with an autoincrease of the subaddress
whereas SUBADDRESS from "XXX1000" to "XXX1111" of DATA are ignored.
DATA 1 concern the subaddress sent, and DATA 2 concerns the subaddress sent plus one
in the loop etc, and at the end it receives the stop condition.
Figure 15. Incremental bus (B=1)
Table 6. Power-on reset condition
S
1
0
0
0
1
0
0
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D96AU421
X
D3
SUBADDRESS
DATA
X
X
0
D2 D1 D0
Input selection
IN2
Input gain
28 dB
Volume
Mute
Bass
0 dB
Treble
2 dB
Speaker
Mute
S
1
0
0
0
1
0
0
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D96AU422
X
D3
SUBADDRESS
DATA 1 to DATA n
X
X
1
D2 D1 D0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com