Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB315CC1M Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # USB315CC1M
Description  USB-C to USB-C Cable - M/M - 1 m (3 ft.) - USB 3.0 (5Gbps)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

USB315CC1M Datasheet(HTML) 3 Page - StarTech.com Ltd.

  USB315CC1M Datasheet HTML 1Page - StarTech.com Ltd. USB315CC1M Datasheet HTML 2Page - StarTech.com Ltd. USB315CC1M Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Characteristics
Color
Black
Connector Style
Straight
Wire Gauge
24/32 AWG
Cable Length
3.3 ft [1 m]
Product Length
3.3 ft [1.0 m]
Product Width
0.5 in [1.2 cm]
Product Height
0.3 in [6.4 mm]
Weight of Product
1.4 oz [39.0 g]
Packaging
Information
Package Quantity
1
Package Length
8.7 in [22.0 cm]
Package Width
4.9 in [12.5 cm]
Package Height
0.0 in [0.1 mm]
Shipping (Package)
Weight
1.7 oz [47.0 g]
What's in the Box
Included in Package
1 - USB-C cable
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com