Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB315CC1M Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # USB315CC1M
Description  USB-C to USB-C Cable - M/M - 1 m (3 ft.) - USB 3.0 (5Gbps)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

USB315CC1M Datasheet(HTML) 2 Page - StarTech.com Ltd.

  USB315CC1M Datasheet HTML 1Page - StarTech.com Ltd. USB315CC1M Datasheet HTML 2Page - StarTech.com Ltd. USB315CC1M Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• Charge and sync your USB-C mobile digital devices with your computer
• Charge your USB-C devices with a wall charger, car charger or power bank
• Power your USB-C enabled laptops with a USB Type-C wall charger
Features
• Supports data transfer rates up to 5Gbps (USB 3.2 Gen 1)
• Thunderbolt 3 port compatible
• Guaranteed reliability with our 2-year warranty
Hardware
Warranty
2 Years
Connector Plating
Nickel
Cable Jacket Material
PVC - Polyvinyl Chloride
Cable Shield Material
Aluminum-Mylar Foil with Braid
Performance
Maximum Analog
Resolutions
4K @ 60Hz
Type and Rate
USB 3.0 - 5 Gbit/s
Connector(s)
Connector A
1 - USB 3.2 Type-C (24 pin, Gen 1, 5Gbps)
Connector B
1 - USB 3.2 Type-C (24 pin, Gen 1, 5Gbps)
Power
Power Delivery
60W
Environmental
Operating Temperature
0C to 35C (32F to 95F)
Storage Temperature
-10C to 80C (14F to 176F)
Humidity
5%-80% RH (no condensation)
Physical



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com