Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB315CC1M Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # USB315CC1M
Description  USB-C to USB-C Cable - M/M - 1 m (3 ft.) - USB 3.0 (5Gbps)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

USB315CC1M Datasheet(HTML) 1 Page - StarTech.com Ltd.

  USB315CC1M Datasheet HTML 1Page - StarTech.com Ltd. USB315CC1M Datasheet HTML 2Page - StarTech.com Ltd. USB315CC1M Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USB-C to USB-C Cable - M/M - 1 m (3 ft.) - USB 3.0 (5Gbps)
Product ID: USB315CC1M
This USB 3.2 Gen 1 USB-C to USB-C cable lets you connect a USB 3.2 Gen 1, USB Type-C device, such as a hard
drive or mobile device, to the USB-C port on your computer, or charger. The cable is also compatible with
Thunderbolt 3 ports.
Connect your newer USB-C mobile devices, such as the Samsung Galaxy S8, S8+, Nexus 6P, and 5X phones, to
your computer. The cable delivers up to a 3 amp (60W) charge, and supports data transfer speeds of up to 5Gbps.
With up to 3A of power output, you can also use the USB Type-C cable to power a USB-C laptop, such as your Apple
MacBook or Chromebook Pixel. Simply connect your laptop to your USB-C wall charger.
The cable supports full 4K 60Hz video and DisplayPort 1.2 and is compatible with existing DisplayPort displays. It's
ideal for connecting your docking station or laptop to a monitor with astonishing resolution, contrast, and color depth
for amazing detail.
You’ll also be able to connect your USB 3.2 Gen 1 peripheral devices, such as hard drive enclosures and docks, to
your laptop.
The USB315CC1M from StarTech.com comes with a 2-year warranty for guaranteed reliability.
Certifications, Reports and Compatibility
Applications
• Connect a USB 3.0 device such as a portable hard drive or docking station to a USB-C laptop or desktop computer


Similar Part No. - USB315CC1M

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3150 GCT-USB3150 Datasheet
152Kb / 2P
Micro USB Plug - Type B, Through-Hole Vertical, with Shell Stakes and Locating Pegs
30th April 2015
USB3155 GCT-USB3155 Datasheet
185Kb / 2P
Micro USB Receptacle, Type B SMT, Horizontal, Mid-Bottom Mount
9th April 2015
More results

Similar Description - USB315CC1M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U420-003 TRIPPLITE-U420-003 Datasheet
487Kb / 2P
USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) M/M, 3-ft. Length
U040-003-C-5A TRIPPLITE-U040-003-C-5A Datasheet
166Kb / 3P
USB 2.0 Cable with 5A Rating, USB-C to USB-C (M/M), 3 ft.
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
U040-006-C-5A TRIPPLITE-U040-006-C-5A Datasheet
166Kb / 3P
USB 2.0 Cable with 5A Rating, USB-C to USB-C (M/M), 6 ft.
U428-003 TRIPPLITE-U428-003 Datasheet
168Kb / 3P
USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB Type-A (M/M), 3 ft.
U428-003-G2 TRIPPLITE-U428-003-G2 Datasheet
167Kb / 3P
USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB-A (M/M), 3 ft.
U422-003 TRIPPLITE-U422-003 Datasheet
159Kb / 3P
USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Type-B M/M, 3-ft. Length
U422-003-G2 TRIPPLITE-U422-003-G2 Datasheet
160Kb / 3P
USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Type-B (M/M), 3 ft.
U426-003 TRIPPLITE-U426-003 Datasheet
178Kb / 3P
USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Micro-B (M/M), 3 ft.
U426-003-G2 TRIPPLITE-U426-003-G2 Datasheet
174Kb / 3P
USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Micro-B (M/M), 3 ft.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com