Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350-R1A Datasheet(PDF) 19 Page - Texas Instruments

Part # BQ78350-R1A
Description  BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350-R1A Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ78350-R1A Datasheet HTML 15Page - Texas Instruments BQ78350-R1A Datasheet HTML 16Page - Texas Instruments BQ78350-R1A Datasheet HTML 17Page - Texas Instruments BQ78350-R1A Datasheet HTML 18Page - Texas Instruments BQ78350-R1A Datasheet HTML 19Page - Texas Instruments BQ78350-R1A Datasheet HTML 20Page - Texas Instruments BQ78350-R1A Datasheet HTML 21Page - Texas Instruments BQ78350-R1A Datasheet HTML 22Page - Texas Instruments BQ78350-R1A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
BQ78350-R1A
www.ti.com
SLUSE05 – DECEMBER 2019
Product Folder Links: BQ78350-R1A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.2.3.5 Peripheral Features
9.2.3.5.1
LED Display
The BQ78350-R1A device is configured by default to display up to five LEDs in a bar graph configuration based
on the value of RemainingStateOfCharge() (RSOC). Each LED represents 20% of RSOC and is illuminated
when the BQ78350-R1A DISP pin transitions low, and remains on for a programmable period of time.
In addition to many other options, the number of LEDs used and the percentage at which they can be illuminated
are configurable.
9.2.3.5.2
SMBus Address
Although the SMBus slave address is a configurable value in the BQ78350-R1A device, this feature is disabled
by default and the slave address is 0x16. The SMBus Address feature can allow up to nine different addresses
based on external resistor value variation per address.
The default setup of the BQ78350-R1A device is generic, but there are many additional features that can be
enabled and configured to support a variety of system requirements. These are detailed in the BQ78350-R1A
Technical Reference Manual (SLUUBD3).
9.2.4 Application Performance Plots
When the BQ78350-R1A device is powered up, there are several signals that are enabled at the same time.
Figure 9 shows the rise time of each of the applicable signals.
Figure 9. VCC, MRST, VEN, and PWRM upon Power Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com