Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350-R1A Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ78350-R1A
Description  BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350-R1A Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ78350-R1A Datasheet HTML 6Page - Texas Instruments BQ78350-R1A Datasheet HTML 7Page - Texas Instruments BQ78350-R1A Datasheet HTML 8Page - Texas Instruments BQ78350-R1A Datasheet HTML 9Page - Texas Instruments BQ78350-R1A Datasheet HTML 10Page - Texas Instruments BQ78350-R1A Datasheet HTML 11Page - Texas Instruments BQ78350-R1A Datasheet HTML 12Page - Texas Instruments BQ78350-R1A Datasheet HTML 13Page - Texas Instruments BQ78350-R1A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Input/Output
Oscillator
System Clock
Power
Regulation
AND
Management
CoolRISC
CPU
Program Memory
Data Memory
Communications
SMBus
Peripherals
and
Timers
Interrupt
Controller
Analog Front End
Delta-Sigma ADC
AND
Integrating
Coulomb Counter
DMAddr (16-bit)
Data (8-bit)
PMAddr
(15-bit)
PMInst
(22-bit)
32 kHz
System Clocks
Reset*
2
1
8
8
8
Interrupt *
Event*
SRP
SRN
VCC
VSS
MRST
RBI
COM, ALERT,
KEYIN, SAFE,
SMBD, SMBC,
VEN, DISP
GPIOA
GPIOB
LED1...5
PWRM
SMBA, ADREN,
SDA, SCL,
PRECHG,VAUX,
BAT, PRES
System I /O (13 -bit)
Wake Comparator
Event*
Copyright © 2017, Texas Instruments Incorporated
10
BQ78350-R1A
SLUSE05 – DECEMBER 2019
www.ti.com
Product Folder Links: BQ78350-R1A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2 Functional Block Diagram
8.3 Feature Description
The following section provides an overview of the device features. For full details on the BQ78350-R1A features,
refer to the BQ78350-R1A Technical Reference Manual (SLUUBD3).
8.3.1 Primary (1st Level) Safety Features
The BQ78350-R1A device supports a wide range of battery and system protection features that can be
configured. The primary safety features include:
Cell over/undervoltage protection
Charge and discharge overcurrent
Short circuit protection
Charge and discharge overtemperature with independent alarms and thresholds for each thermistor
8.3.2 Secondary (2nd Level) Safety Features
The secondary safety features of the BQ78350-R1A device can be used to indicate more serious faults via the
SAFE pin. This pin can be used to blow an in-line fuse to permanently disable the battery pack from charging or
discharging. The secondary safety protection features include:
Safety overvoltage
Safety undervoltage
Safety overcurrent in charge and discharge
Safety overtemperature in charge and discharge
Charge FET and Precharge FET fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com