Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350-R1A Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ78350-R1A
Description  BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350-R1A Datasheet(HTML) 3 Page - Texas Instruments

  BQ78350-R1A Datasheet HTML 1Page - Texas Instruments BQ78350-R1A Datasheet HTML 2Page - Texas Instruments BQ78350-R1A Datasheet HTML 3Page - Texas Instruments BQ78350-R1A Datasheet HTML 4Page - Texas Instruments BQ78350-R1A Datasheet HTML 5Page - Texas Instruments BQ78350-R1A Datasheet HTML 6Page - Texas Instruments BQ78350-R1A Datasheet HTML 7Page - Texas Instruments BQ78350-R1A Datasheet HTML 8Page - Texas Instruments BQ78350-R1A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
BQ78350-R1A
www.ti.com
SLUSE05 – DECEMBER 2019
Product Folder Links: BQ78350-R1A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
I = Input, IA = Analog input, I/O = Input/output, I/OD = Input/Open-drain output, O = Output, OA = Analog output, P = Power
5 Description (continued)
The BQ78350-R1A device offers optional LED or LCD display configurations for capacity reporting. It also makes
data available over its SMBus 1.1 interface. Battery history and diagnostic data is also kept within the device in
non-volatile memory and is available over the same interface.
6 Pin Configuration and Functions
30-Pin DBT Package
Pin Functions
PIN
NUMBER
PIN NAME
TYPE
DESCRIPTION
1
COM
O(1)
Open-drain output LCD common connection. Leave unconnected if not used.
2
ALERT
I
Input from the BQ769x0 AFE
3
SDA
I/O
Data transfer to and from the BQ769x0 AFE. Requires a 10-k pullup to VCC
4
SCL
I/O
Communication clock to the BQ769x0 AFE. Requires a 10-k pullup to VCC
5
PRECHG
O
Programmable polarity (default is active low) output to enable an optional precharge FET. This pin
requires an external pullup to 2.5 V when configured as active high, and is open drain when
configured as active low.
6
VAUX
AI
Auxiliary voltage input. If this pin is not used, then it should be tied to VSS.
7
BAT
AI
Translated battery voltage input
8
PRES
I
Active low input to sense system insertion. This typically requires additional ESD protection. If this
pin is not used, then it should be tied to VSS.
9
KEYIN
I
A low level indicates application key-switch is inactive on position. A high level causes the DSG
protection FET to open. If this pin is not used, then it should be tied to VSS.
10
SAFE
O
Active high output to enforce an additional level of safety protection (for example, fuse blow)
11
SMBD
I/OD
SMBus data open-drain bidirectional pin used to transfer an address and data to and from the
BQ78350-R1A device
12
VEN
O
Active high voltage translation enable. This open drain signal is used to switch the input voltage
divider on/off to reduce the power consumption of the BAT translation divider network.
13
SMBC
I/OD
SMBus clock open-drain bidirectional pin used to clock the data transfer to and from the BQ78350-
R1A device
14
DISP
I
Display control for the LEDs. This pin is typically connected to BQ78350-R1A device REGOUT via
a 100-KΩ resistor and a push-button switch connect to VSS. Not used with LCD display enabled
and can be tied to VSS.
15
PWRM
O
Power mode state indicator open drain output
16
LED1
O
LED1/LCD1 display segment that drives an external LED/LCD, depending on the firmware
configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com