Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6321 Datasheet(PDF) 24 Page - Texas Instruments

Part # LMH6321
Description  BUF634 250mA High-Speed Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6321 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMH6321 Datasheet HTML 20Page - Texas Instruments LMH6321 Datasheet HTML 21Page - Texas Instruments LMH6321 Datasheet HTML 22Page - Texas Instruments LMH6321 Datasheet HTML 23Page - Texas Instruments LMH6321 Datasheet HTML 24Page - Texas Instruments LMH6321 Datasheet HTML 25Page - Texas Instruments LMH6321 Datasheet HTML 26Page - Texas Instruments LMH6321 Datasheet HTML 27Page - Texas Instruments LMH6321 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
period ranging from a fraction of a second to several minutes or more, depending on package type, signal, load
and thermal environment.
The thermal protection circuit is designed to prevent damage during abnormal conditions. Any tendency to
activate the thermal protection circuit during normal operation is a sign of an inadequate heat sink or excessive
power dissipation for the package type.
The TO-220 package provides the best thermal performance. When the TO-220 is used with a properly sized
heat sink, output is not limited by thermal performance. The TO-263 also has excellent thermal characteristics;
for good heat dissipation, solder the mounting tab to a circuit board copper area. Figure 8-8 shows typical
thermal resistance from junction to ambient as a function of the copper area. The mounting tab of the TO-220
and TO-263 packages is electrically-connected to the V– power supply.
The DIP and SO-8 surface-mount packages are excellent for applications requiring high output current with low
average power dissipation. To achieve the best possible thermal performance with the DIP or SO-8 packages,
solder the device directly to a circuit board. Because much of the heat is dissipated by conduction through
the package pins, sockets degrade thermal performance. Use wide circuit board traces on all the device pins,
including pins that are not connected. With the DIP package, use traces on both sides of the printed circuit board
if possible.
Circuit Board Copper Area
BUF634F
Surface Mount Package
THERMAL RESISTANCE vs
CIRCUIT BOARD COPPER AREA
60
50
40
30
20
10
0
1
2
3
4
5
Copper Area (inches )
2
BUF634F
Surface Mount Package
1oz copper
Figure 8-8. Thermal Resistance vs Circuit Board Copper Area
8.4.1.1 Power Dissipation
Power dissipation depends on power supply voltage, signal, and load conditions. With dc signals, power
dissipation is equal to the product of output current times the voltage across the conducting output transistor,
VS – VO. Power dissipation can be minimized by using the lowest possible power supply voltage necessary to
provide the required output voltage swing.
For resistive loads, the maximum power dissipation occurs at a dc output voltage of one-half the power supply
voltage. Dissipation with ac signals is lower. The Power Amplifier Stress And Power Handling Limitations
application bulletin explains how to calculate or measure power dissipation with unusual signals and loads.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heat sink. For reliable operation, limit the junction temperature to 150°C, maximum. To estimate the margin of
safety in a complete design, increase the ambient temperature until the thermal protection is triggered. The
thermal protection triggers more than 45°C greater than the maximum expected ambient condition of your
application.
BUF634
SBOS030C – AUGUST 2000 – REVISED MARCH 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BUF634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com