Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6321 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6321
Description  BUF634 250mA High-Speed Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6321 Datasheet(HTML) 3 Page - Texas Instruments

  LMH6321 Datasheet HTML 1Page - Texas Instruments LMH6321 Datasheet HTML 2Page - Texas Instruments LMH6321 Datasheet HTML 3Page - Texas Instruments LMH6321 Datasheet HTML 4Page - Texas Instruments LMH6321 Datasheet HTML 5Page - Texas Instruments LMH6321 Datasheet HTML 6Page - Texas Instruments LMH6321 Datasheet HTML 7Page - Texas Instruments LMH6321 Datasheet HTML 8Page - Texas Instruments LMH6321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
5 Pin Configuration and Functions
BW
NC
V
IN
V–
NC
V+
V
O
NC
1
2
3
4
8
7
6
5
G = 1
Figure 5-1. D Package, 8-Pin SOIC (Top View)
G = 1
V–
V
O
V+
V
IN
BW
1
2
3
4
5
Figure 5-2. KC Package, 5-Pin TO-220 (Top View)
G = 1
V–
V
O
V+
V
IN
BW
1
2
3
4
5
Figure 5-3. KTT Package, 5-Pin TO-263 (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
D (SOIC)
KC (TO-220)
KTT (TO-263)
BW
1
1
Input
Bandwidth adjust pin
NC
2, 5, 8
—
—
No internal connection
V+
7
5
Input
Positive power supply
VIN
3
2
Input
Input
VO
6
4
Output
Output
V–
4
3
Input
Negative power supply
www.ti.com
BUF634
SBOS030C – AUGUST 2000 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: BUF634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com