Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6321 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH6321
Description  BUF634 250mA High-Speed Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6321 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6321 Datasheet HTML 7Page - Texas Instruments LMH6321 Datasheet HTML 8Page - Texas Instruments LMH6321 Datasheet HTML 9Page - Texas Instruments LMH6321 Datasheet HTML 10Page - Texas Instruments LMH6321 Datasheet HTML 11Page - Texas Instruments LMH6321 Datasheet HTML 12Page - Texas Instruments LMH6321 Datasheet HTML 13Page - Texas Instruments LMH6321 Datasheet HTML 14Page - Texas Instruments LMH6321 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
6.8 Typical Characteristics: TO-220 and TO-263 Packages (continued)
at TA = 25°C, VS = ±15 V (unless otherwise noted)
13
12
11
10
–10
–11
–12
–13
0
50
100
150
200
250
300
|Output Current| (mA)
T
J = –40°C
T
J = 25°C
T
J = 125°C
V
IN = 13V
V
IN = –13V
V
S = ±15V
Low I
Q Mode
Figure 6-13. Output Voltage Swing vs Output Current
13
12
11
10
–10
–11
–12
–13
0
50
100
150
200
250
300
|Output Current| (mA)
T
J = –40°C
T
J = 25°C
T
J = 125°C
V
IN = 13V
V
IN = –13V
V
S = ±15V
Wide BW Mode
Figure 6-14. Output Voltage Swing vs Output Current
Ambient Temperature (°C)
3
2
1
0
–50
–25
0
25
50
75
100
125
150
TO-220 and DDPAK
Free Air
JA = 65°C/W
Θ
8-Pin DIP
JA = 100°C/W
Θ
SO-8
JA = 150°C/W
Θ
Figure 6-15. Maximum Power Dissipation vs Temperature
Ambient Temperature (°C)
12
10
8
6
4
2
0
–50
–25
0
25
50
75
100
125
150
TO-220 and DDPAK
Infinite Heat Sink
JC = 6°C/W
Θ
TO-220 and DDPAK
Free Air
JA = 65°C/W
Θ
Figure 6-16. Maximum Power Dissipation vs Temperature
Input
Wide BW
Mode
Low I
Mode
Q
100mV/div
20ns/div
RS = 50 Ω, RL = 100 Ω
Figure 6-17. Small-Signal Response
Input
Wide BW
Mode
Low I
Mode
Q
100mV/div
20ns/div
RS = 50 Ω, RL = 100 Ω
Figure 6-18. Large-Signal Response
www.ti.com
BUF634
SBOS030C – AUGUST 2000 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: BUF634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com