Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW29 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYW29
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW29 Datasheet(HTML) 1 Page - STMicroelectronics

  BYW29 Datasheet HTML 1Page - STMicroelectronics BYW29 Datasheet HTML 2Page - STMicroelectronics BYW29 Datasheet HTML 3Page - STMicroelectronics BYW29 Datasheet HTML 4Page - STMicroelectronics BYW29 Datasheet HTML 5Page - STMicroelectronics BYW29 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BYW29(F)
®
October 1999 - Ed: 2D
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
TO-220AC
(Plastic)
BYW29-200
SUITED FOR SMPS
VERY LOW FORWARD LOSSES
NEGLIGIBLE SWITCHING LOSSES
HIGH SURGE CURRENT CAPABILITY
HIGH AVALANCHE ENERGY CAPABILITY
INSULATED VERSION (ISOWATT220AC) :
Insulating voltage = 2000 V DC
Capacitance = 12 pF
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
FEATURES
Single chip rectifier suited for switchmode power
supply and high frequency DC to DC converters.
Packaged in TO-220AC or ISOWATT220AC this
device is intended for use in low voltage, high
frequency inverters, free wheeling and polarity
protection applications.
isolated
ISOWATT220AC
(Plastic)
BYW29F-200
Symbol
Parameter
Value
Unit
IF(RMS)
RMS forward current
16
A
IF(AV)
Average forward current
δ = 0.5
TO-220AC
Tc=120
°C
8A
ISOWATT220AC
Tc=100
°C
8
IFSM
Surge non repetitive forward current
tp=10ms
sinusoidal
80
A
Tstg
Tj
Storage and junction temperature range
- 65 to + 150
- 65 to + 150
°C
°C
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
K
A
K
A
1/6


Similar Part No. - BYW29

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW29 PHILIPS-BYW29 Datasheet
33Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
logo
ON Semiconductor
BYW29 ONSEMI-BYW29 Datasheet
56Kb / 4P
SWITCHMODE TM Power Rectifiers
August, 2005 ??Rev. 1
logo
NXP Semiconductors
BYW29-100 PHILIPS-BYW29-100 Datasheet
33Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
logo
General Semiconductor
BYW29-100 GE-BYW29-100 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Microsemi Corporation
BYW29-100 MICROSEMI-BYW29-100 Datasheet
137Kb / 3P
RECTIFIERS
More results

Similar Description - BYW29

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYV255V STMICROELECTRONICS-BYV255V Datasheet
56Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
May-2000
BYV52 STMICROELECTRONICS-BYV52 Datasheet
70Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYV54V STMICROELECTRONICS-BYV54V Datasheet
56Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
May-2000
BYW77P-200 STMICROELECTRONICS-BYW77P-200 Datasheet
68Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Insulatingvoltage
BYW80-200 STMICROELECTRONICS-BYW80-200 Datasheet
73Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYW80PI-200 STMICROELECTRONICS-BYW80PI-200 Datasheet
55Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYW99P STMICROELECTRONICS-BYW99P Datasheet
78Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
SMBYW02-200 STMICROELECTRONICS-SMBYW02-200 Datasheet
69Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
logo
Shenzhen Taychipst Elec...
BYW98-200 TAYCHIPST-BYW98-200 Datasheet
965Kb / 2P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
STMicroelectronics
BYW51-200 STMICROELECTRONICS-BYW51-200 Datasheet
160Kb / 9P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Aug-2002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com