Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW29 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BYW29
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW29 Datasheet(HTML) 5 Page - STMicroelectronics

  BYW29 Datasheet HTML 1Page - STMicroelectronics BYW29 Datasheet HTML 2Page - STMicroelectronics BYW29 Datasheet HTML 3Page - STMicroelectronics BYW29 Datasheet HTML 4Page - STMicroelectronics BYW29 Datasheet HTML 5Page - STMicroelectronics BYW29 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Tj(
C)
QRR ;IRM[Tj]/QRR ;IRM[Tj=125 C]
IRM
QRR
o
o
Fig.13 : Dynamic parameters versus junction
temperature.
IRM(A)
IF=IF(av)
90% CONFIDENCE
dIF/dt(A/us)
Tj-100 C
O
Fig.12 : Peak reverse current versus dIF/dt.
Cooling method : C
Marking : Type number
Weight : 2 g
Recommended torque value : 0.55m.N
Maximum torque value : 0.70m.N
PACKAGE MECHANICAL DATA
ISOWATT220AC (JEDEC outline)
F
G
F1
H
DE
A
B
L7
L2
L6
L3
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
B
2.50
2.70
0.098
0.106
D
2.40
2.75
0.094
0.108
E
0.40
0.70
0.016
0.028
F
0.75
1.00
0.030
0.039
F1
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
H
10.00
10.40
0.394
0.409
L2
16.00 typ.
0.63 typ.
L3
28.60
30.60
1.125
1.205
L6
15.90
16.40
0.626
0.646
L7
9.00
9.30
0.354
0.366
Diam
3.00
3.20
0.118
0.126
BYW29(F)
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com