Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW29 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BYW29
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW29 Datasheet(HTML) 3 Page - STMicroelectronics

  BYW29 Datasheet HTML 1Page - STMicroelectronics BYW29 Datasheet HTML 2Page - STMicroelectronics BYW29 Datasheet HTML 3Page - STMicroelectronics BYW29 Datasheet HTML 4Page - STMicroelectronics BYW29 Datasheet HTML 5Page - STMicroelectronics BYW29 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
0
20
40
60
80
100
120
140
160
T
I
M
=tp/T
tp
IM(A)
P=15W
P=5W
P=10W
Fig.2 : Peak current versus form factor.
Tj= 125 C
o
IFM(A)
0.1
1
10
100
VFM(V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Fig.3 : Forward voltage drop versus forward
current (maximum values).
0.1
1.0
0.2
0.5
Zth(j-c) (tp.
)
K=
Rth(j-c)
=0 . 5
=0 . 2
=0 .1
Singl e puls e
tp(s)
T
=tp/T
tp
1.0E-03
1.0E-02
1.0E-01
1. 0E+00
K
Fig.4 : Relative variation of thermal impedance
junction to case versus pulse duration.
(TO-220AC)
012
345
678
9
10 11
0
2
4
6
8
10
12
=0.05
=0.1
=0.2
=0.5
T
=tp/T
tp
IF(av)(A)
PF(av)(W)
=1
Fig.1 : Average forward power dissipation versus
average forward current.
0.2
0.4
0.6
0.8
1
=0 . 5
=0 .2
=0 .1
Single pulse
tp(s)
Zth(j-c) (tp.
)
K=
Rth(j-c)
0
1.0E-03
1.0E-02
1.0E-01
1.0 E+00
1. 0E+01
K
T
=tp/T
tp
Fig.5 : Relative variation of thermal impedance
junction to case versus pulse duration.
(ISOWATT220AC)
BYW29(F)
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com