Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89R118C Datasheet(PDF) 8 Page - RAMXEED LIMITED

Part # MB89R118C
Description  FeRAM Embedded High-speed RFID LSI
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R118C Datasheet(HTML) 8 Page - RAMXEED LIMITED

Back Button MB89R118C Datasheet HTML 4Page - RAMXEED LIMITED MB89R118C Datasheet HTML 5Page - RAMXEED LIMITED MB89R118C Datasheet HTML 6Page - RAMXEED LIMITED MB89R118C Datasheet HTML 7Page - RAMXEED LIMITED MB89R118C Datasheet HTML 8Page - RAMXEED LIMITED MB89R118C Datasheet HTML 9Page - RAMXEED LIMITED MB89R118C Datasheet HTML 10Page - RAMXEED LIMITED MB89R118C Datasheet HTML 11Page - RAMXEED LIMITED MB89R118C Datasheet HTML 12Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
MB89R118C
8
DS411-00001-6v0-E
FUNCTION DESCRIPTION
1. Communication from Reader/Writer to Transponder
(1) Modulation method
The MB89R118C supports both 10 ASK modulation and 100% ASK modulation.
Modulation index m is defined as m = (a - b)/(a + b) with reference to the modulated waveform shown below.
The values a and b indicate, respectively, the maximum and minimum amplitude of magnetic field transmitted
from a reader/writer.
Maximum and minimum values of t1, t2, t3 and t4 are shown in the table of “ RECOMMENDED OPERATING
CONDITIONS”. In this table, y is 0.05 (a-b) and the maximum value of hf and hr is 0.1(a-b).
y
y
t2
t1
0 V
t3
ab
hf
hr
13.56 MHz
Modulation of the carrier for 10% ASK
a
b
t2
t1
t3
t4
13.56 MHz
105 %
95 %
60 %
5 %
0 V
Modulation of the carrier for 100% ASK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com