Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89R118C Datasheet(PDF) 21 Page - RAMXEED LIMITED

Part # MB89R118C
Description  FeRAM Embedded High-speed RFID LSI
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R118C Datasheet(HTML) 21 Page - RAMXEED LIMITED

Back Button MB89R118C Datasheet HTML 17Page - RAMXEED LIMITED MB89R118C Datasheet HTML 18Page - RAMXEED LIMITED MB89R118C Datasheet HTML 19Page - RAMXEED LIMITED MB89R118C Datasheet HTML 20Page - RAMXEED LIMITED MB89R118C Datasheet HTML 21Page - RAMXEED LIMITED MB89R118C Datasheet HTML 22Page - RAMXEED LIMITED MB89R118C Datasheet HTML 23Page - RAMXEED LIMITED MB89R118C Datasheet HTML 24Page - RAMXEED LIMITED MB89R118C Datasheet HTML 25Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
MB89R118C
DS411-00001-6v0-E
21
• Timing specification
Min
Typ
Max
t1_a
4320/fc (318.6 s)
4352/fc (320.9 s)
4384/fc (323.3 s)
tmit
4384/fc (323.3 s)  tnrt
t2_a
4192/fc (309.2 s)
t2invwr
t2_a  tnrt
t3_a (ASK10%)
4384/fc (323.3 s)  tnrt
t3_a (ASK100%) 4384/fc (323.3 s)  tsof
tnrt
Fast
Fast
Low data rate
High data rate
Low data rate
High data rate
:
:
:
:
15708.16
3927.04
7854.08
1963.52
ms
ms
ms
ms
tsof
Fast
Fast
Low data rate
High data rate
Low data rate
High data rate
:
:
:
:
604.16
151.04
302.08
75.52
ms
ms
ms
ms
No response
New command
(or EOF signal)
EOF
Inventory
command
Reader/Writer
MB89R118C
Timing
MB89R118C
ASK signal handling
SOF
t1_a
tsof
tnrt
t3_a (ASK100 %)
t3_a (ASK10 %)
Reset t1_a
after receiving
ASK 100 % signal
Ignore
ASK 100 %
signal
Ignore ASK 10 % signal
Possible to receive
ASK 100 % signal
Possible to receive
ASK 10 % signal
t3_a for ASK10% and ASK100% signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com