Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89R118C Datasheet(PDF) 9 Page - RAMXEED LIMITED

Part # MB89R118C
Description  FeRAM Embedded High-speed RFID LSI
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R118C Datasheet(HTML) 9 Page - RAMXEED LIMITED

Back Button MB89R118C Datasheet HTML 5Page - RAMXEED LIMITED MB89R118C Datasheet HTML 6Page - RAMXEED LIMITED MB89R118C Datasheet HTML 7Page - RAMXEED LIMITED MB89R118C Datasheet HTML 8Page - RAMXEED LIMITED MB89R118C Datasheet HTML 9Page - RAMXEED LIMITED MB89R118C Datasheet HTML 10Page - RAMXEED LIMITED MB89R118C Datasheet HTML 11Page - RAMXEED LIMITED MB89R118C Datasheet HTML 12Page - RAMXEED LIMITED MB89R118C Datasheet HTML 13Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
MB89R118C
DS411-00001-6v0-E
9
(2) Data rate and data coding
The MB89R118C supports only 1 out of 4 mode for bit coding, not 1 out of 256 mode. In 1 out of 4 mode,
2-bit signals are coded in a period of 75.52 s as shown in the following. When coding takes place, the data
rate is 26.48 kbps (fc/512). Each signal is transmitted beginning with the lowest bit.
(3) Data frame
A data frame begins with a start of frame (SOF) signal and ends with an end of frame (EOF) signal.
The MB89R118C is enabled to receive a frame from a reader/writer within 300 s after the MB89R118C has
sent a frame to the reader/writer. The MB89R118C is also enabled to receive a frame from a reader/writer
within 1 ms after power has been supplied to the MB89R118C.
9.44
μs
9.44
μs
9.44
μs
9.44
μs
9.44
μs
75.52
μs
75.52
μs
75.52
μs
75.52
μs
28.32
μs
47.20
μs
66.08
μs
“00B” pulse position
“01B” pulse position (1  LSB)
“10B” pulse position (0  LSB)
“11B” pulse position
Coding Method in 1 out of 4 Mode
SOF
9.44
μs
9.44
μs
9.44
μs
37.76
μs
37.76
μs
37.76
μs
9.44
μs
9.44
μs
EOF
Waveforms of SOF and EOF signals of a frame sent from a reader/writer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com