Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND810SP Datasheet(PDF) 9 Page - STMicroelectronics

Part # VND810SP
Description  Double channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND810SP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VND810SP Datasheet HTML 5Page - STMicroelectronics VND810SP Datasheet HTML 6Page - STMicroelectronics VND810SP Datasheet HTML 7Page - STMicroelectronics VND810SP Datasheet HTML 8Page - STMicroelectronics VND810SP Datasheet HTML 9Page - STMicroelectronics VND810SP Datasheet HTML 10Page - STMicroelectronics VND810SP Datasheet HTML 11Page - STMicroelectronics VND810SP Datasheet HTML 12Page - STMicroelectronics VND810SP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
VND810SP
Electrical specifications
Doc ID 7377 Rev 5
9/27
Table 7.
VCC - output diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Forward on voltage
- IOUT = 0.5 A; Tj = 150 °C
—
—
0.6
V
Table 8.
Switching (VCC = 13 V; Tj = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
RL = 13 Ω from VIN rising
edge to VOUT = 1.3 V
(see Figure 5)
—30
—
µs
td(off)
Turn-off delay time
RL = 13 Ω from VIN falling
edge to VOUT = 11.7 V
(see Figure 5)
—30
—
µs
dVOUT/dt(on) Turn-on voltage slope
RL = 13 Ω from VOUT = 1.3 V
to VOUT = 10.4 V
(see Figure 5)
—
See
Figure 10
—V/µs
dVOUT/dt(off) Turn-off voltage slope
RL = 13 Ω from VOUT = 11.7 V
to VOUT = 1.3 V
(see Figure 5)
—
See
Figure 12
—V/µs
Table 9.
Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level
1.25
V
IIL
Low level input current
VIN = 1.25 V
1
µA
VIH
Input high level
3.25
V
IIH
High level input current
VIN = 3.25 V
10
µA
VI(hyst)
Input hysteresis voltage
0.5
V
VICL
Input clamp voltage
IIN = 1 mA
6
6.8
8
V
IIN = -1 mA
-0.7
V
Table 10.
Status pin
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
VSTAT
Status low output voltage
ISTAT = 1.6 mA
0.5
V
ILSTAT
Status leakage current
Normal operation; VSTAT = 5 V
10
µA
CSTAT
Status pin Input capacitance
Normal operation; VSTAT = 5 V
100
pF
VSCL
Status clamp voltage
ISTAT = 1 mA
6
6.8
8
V
ISTAT = -1 mA
-0.7
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com