Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND810SP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND810SP
Description  Double channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND810SP Datasheet(HTML) 1 Page - STMicroelectronics

  VND810SP Datasheet HTML 1Page - STMicroelectronics VND810SP Datasheet HTML 2Page - STMicroelectronics VND810SP Datasheet HTML 3Page - STMicroelectronics VND810SP Datasheet HTML 4Page - STMicroelectronics VND810SP Datasheet HTML 5Page - STMicroelectronics VND810SP Datasheet HTML 6Page - STMicroelectronics VND810SP Datasheet HTML 7Page - STMicroelectronics VND810SP Datasheet HTML 8Page - STMicroelectronics VND810SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
September 2013
Doc ID 7377 Rev 5
1/27
1
VND810SP
Double channel high-side driver
Features
■
Very low standby current
■
CMOS compatible input
■
On-state open-load detection
■
Off-state open-load detection
■
Thermal shutdown protection and diagnosis
■
Undervoltage shutdown
■
Overvoltage clamp
■
Output stuck to VCC detection
■
Load current limitation
■
Reverse battery protection
■
Electrostatic discharge protection
Description
The VND810SP is a monolithic device designed
using| STMicroelectronics™ VIPower™ M0-3
Technology. The VND810SP is intended for
driving any type of multiple load with one side
connected to ground.
The Active VCC pin voltage clamp protects the
device against low energy spikes (see ISO7637
transient compatibility table). Active current
limitation combined with thermal shutdown and
automatic restart protects the device against
overload.
The device detects the open-load condition in
both the on-state and off-state. In the off-state the
device detects if the output is shorted to VCC. The
device automatically turns off in the case where
the ground pin becomes disconnected.
Type
RDS(on)
IOUT
VCC
VND810SP
160 m
Ω(1)
1.
Per each channel.
3.5 A(1)
36 V
PowerSO-10
1
10
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PowerSO-10
VND810SP
VND810SP13TR
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - VND810SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND810SP STMICROELECTRONICS-VND810SP Datasheet
263Kb / 18P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2002
VND810SP-E STMICROELECTRONICS-VND810SP-E Datasheet
418Kb / 28P
Double channel high-side driver
08-Oct-2010
VND810SP13TR STMICROELECTRONICS-VND810SP13TR Datasheet
263Kb / 18P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2002
More results

Similar Description - VND810SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND810 STMICROELECTRONICS-VND810 Datasheet
254Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2002
VND810SP STMICROELECTRONICS-VND810SP Datasheet
263Kb / 18P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2002
VND830 STMICROELECTRONICS-VND830 Datasheet
308Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2002
VND830MSP STMICROELECTRONICS-VND830MSP Datasheet
265Kb / 18P
DOUBLE CHANNEL HIGH SIDE DRIVER
rev. A
VND830SP STMICROELECTRONICS-VND830SP Datasheet
266Kb / 18P
DOUBLE CHANNEL HIGH SIDE DRIVER
rev. A
VND810MSP STMICROELECTRONICS-VND810MSP Datasheet
197Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2004
VND600PEP-E STMICROELECTRONICS-VND600PEP-E Datasheet
232Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
May-2005
VND600SPTR-E STMICROELECTRONICS-VND600SPTR-E Datasheet
412Kb / 27P
Double channel high-side driver
11-Feb-2011
VND810-E STMICROELECTRONICS-VND810-E Datasheet
202Kb / 20P
DOUBLE CHANNEL HIGH SIDE DRIVER
Oct-2004
VND830E-E STMICROELECTRONICS-VND830E-E Datasheet
352Kb / 26P
Double channel high-side driver
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com