Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND810SP Datasheet(PDF) 10 Page - STMicroelectronics

Part # VND810SP
Description  Double channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND810SP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VND810SP Datasheet HTML 6Page - STMicroelectronics VND810SP Datasheet HTML 7Page - STMicroelectronics VND810SP Datasheet HTML 8Page - STMicroelectronics VND810SP Datasheet HTML 9Page - STMicroelectronics VND810SP Datasheet HTML 10Page - STMicroelectronics VND810SP Datasheet HTML 11Page - STMicroelectronics VND810SP Datasheet HTML 12Page - STMicroelectronics VND810SP Datasheet HTML 13Page - STMicroelectronics VND810SP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Electrical specifications
VND810SP
10/27
Doc ID 7377 Rev 5
Figure 4.
Status timings
Figure 5.
Switching time waveforms
Table 11.
Open-load detection
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IOL
Open-load on-state detection threshold
VIN = 5 V
20
40
80
mA
tDOL(on) Open-load on-state detection delay
IOUT = 0 A
200
µs
VOL
Open-load off-state voltage detection
threshold
VIN = 0 V
1.5
2.5
3.5
V
tDOL(off) Open-load detection delay at turn-off
1000
µs
VINn
VSTATn
tDOL(off)
OPEN LOAD STATUS TIMING (with external pull-up)
VINn
VSTATn
OVER TEMP STATUS TIMING
tSDL
tSDL
IOUT < IOL
VOUT > VOL
tDOL(on)
Tj > TTSD
t
t
VOUTn
VINn
80%
10%
dVOUT/dt(on)
td(off)
90%
dVOUT/dt(off)
td(on)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com