Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830LSP Datasheet(PDF) 19 Page - STMicroelectronics

Part # VND830LSP
Description  Double channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830LSP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VND830LSP_V01 Datasheet HTML 15Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 16Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 17Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 18Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 19Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 20Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 21Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 22Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
VND830LSP
Application information
Doc ID 9431 Rev 5
19/27
3.5
Maximum demagnetization energy (VCC = 13.5 V)
Figure 26.
Maximum turn-off current versus load inductance
VIN, IL
t
Demagnetization
Demagnetization
Demagnetization
A = single pulse at TJstart = 150 °C
B= repetitive pulse at TJstart = 100 °C
C= repetitive pulse at TJstart = 125 °C
1
10
100
0,01
0,1
1
10
1 00
L( mH)
I LM AX (A)
A
B
C
Note:
Values are generated with RL = 0Ω.
In case of repetitive pulses, Tjstart (at beginning of each demagnetization) of every pulse must not exceed the temperature
specified above for curves B and C.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com