Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830LSP Datasheet(PDF) 24 Page - STMicroelectronics

Part # VND830LSP
Description  Double channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830LSP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VND830LSP_V01 Datasheet HTML 19Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 20Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 21Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 22Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 23Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 24Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 25Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 26Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Package and packing information
VND830LSP
24/27
Doc ID 9431 Rev 5
Table 15.
PowerSO-10 mechanical data
Dim.
mm
Min.
Typ.
Max.
A3.35
3.65
A(1)
1.
Muar only POA P013P.
3.4
3.6
A1
0
0.10
B0.40
0.60
B(1)
0.37
0.53
C0.35
0.55
C(1)
0.23
0.32
D9.40
9.60
D1
7.40
7.60
E9.30
9.50
E2
7.20
7.60
E2(1)
7.30
7.50
E4
5.90
6.10
E4(1)
5.90
6.30
e1.27
F1.25
1.35
F(1)
1.20
1.40
H
13.80
14.40
H(1)
13.85
14.35
h0.50
L1.20
1.80
L(1)
0.80
1.10
α
0°
8°
α(1)
2°
8°
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com