Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830LSP Datasheet(PDF) 20 Page - STMicroelectronics

Part # VND830LSP
Description  Double channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830LSP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VND830LSP_V01 Datasheet HTML 16Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 17Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 18Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 19Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 20Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 21Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 22Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 23Page - STMicroelectronics VND830LSP_V01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Package and PCB thermal data
VND830LSP
20/27
Doc ID 9431 Rev 5
4
Package and PCB thermal data
4.1
PowerSO-10 thermal data
Figure 27.
PowerSO-10 PC board
Figure 28.
Rthj-amb vs PCB copper area in open box free air condition
Note:
Layout condition of Rth and Zth measurements (PCB FR4 area = 58 mm x 58 mm, PCB thickness = 2 mm, Cu thickness =
35 µm, Copper areas: from minimum pad lay-out to 8 cm2).
30
35
40
45
50
55
024
68
10
PCB Cu heatsink area (cm^2)
RTHj_amb (°C/W)
Tj-Tamb=50°C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com