Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830MSP Datasheet(PDF) 7 Page - STMicroelectronics

Part # VND830MSP
Description  Double channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830MSP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VND830MSP Datasheet HTML 3Page - STMicroelectronics VND830MSP Datasheet HTML 4Page - STMicroelectronics VND830MSP Datasheet HTML 5Page - STMicroelectronics VND830MSP Datasheet HTML 6Page - STMicroelectronics VND830MSP Datasheet HTML 7Page - STMicroelectronics VND830MSP Datasheet HTML 8Page - STMicroelectronics VND830MSP Datasheet HTML 9Page - STMicroelectronics VND830MSP Datasheet HTML 10Page - STMicroelectronics VND830MSP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
VND830MSP
Electrical specifications
Doc ID 7379 Rev 5
7/27
2.2
Thermal data
2.3
Electrical characteristics
Values specified in this section are for 8 V < VCC < 36 V; -40 °C < Tj < 150 °C, unless
otherwise stated.
Figure 3.
Current and voltage conventions
Table 4.
Thermal data (per island)
Symbol
Parameter
Value
Unit
Rthj-lead
Thermal resistance junction-lead
1.7
°C/W
Rthj-amb
Thermal resistance junction-ambient
51.7(1)
1.
When mounted on a standard single-sided FR-4 board with 0.5 cm2 of Cu (at least 35 µm thick) connected
to all VCC pins. Horizontal mounting and no artificial air flow.
37(2)
2.
When mounted on a standard single-sided FR-4 board with 6 cm2 of Cu (at least 35 µm thick) connected to
all VCC pins. Horizontal mounting and no artificial air flow.
°C/W
IS
IGND
OUTPUT 2
VCC
GND
STATUS 2
INPUT 2
IOUT2
IIN2
ISTAT2
VSTAT2
VIN2
VCC
VOUT2
OUTPUT 1
IOUT1
VOUT1
INPUT 1
IIN1
STATUS 1
ISTAT1
VIN1
VSTAT1
VF1 (*)
Note:
VFn = VCCn - VOUTn during reverse battery condition.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com